Electronic Components Datasheet Search
  English  ▼

X  

SDA-5000 Datasheet(PDF) 1 Page - RF Micro Devices

Part # SDA-5000
Description  GaAs Distributed Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SDA-5000 Datasheet(HTML) 1 Page - RF Micro Devices

  SDA-5000 Datasheet HTML 1Page - RF Micro Devices SDA-5000 Datasheet HTML 2Page - RF Micro Devices SDA-5000 Datasheet HTML 3Page - RF Micro Devices SDA-5000 Datasheet HTML 4Page - RF Micro Devices SDA-5000 Datasheet HTML 5Page - RF Micro Devices SDA-5000 Datasheet HTML 6Page - RF Micro Devices SDA-5000 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140210
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 7
SDA-5000
GaAs Distributed Amplifier
RFMD’s SDA-5000 is a directly coupled (DC) GaAs
microwave monolithic integrated circuit (MMIC) distributed
driver amplifier designed to support a wide array of high
frequency commercial, military, and space applications. They
are ideal for wideband amplifier gain blocks, broadband test
equipment (ATE), military, and aerospace applications.
Functional Block Diagram
Ordering Information
SDA-5000
GaAs Distributed Amplifier, GelPak, 10 pieces or more
SDA-5000SB
GaAs Distributed Amplifier, GelPak, 2 pieces
Package: Die, 2.2mm x 1.45mm x
0.102mm
Features
■
DC to 35GHz Operation
■
+17dBm P3dB
■
Gain = 11.8dB Typical
■
Noise Figure = 4dB
■
Output Voltage to 8VPP
■
100mA Total Current
Applications
■
Instrumentation
■
Military
■
Aerospace
■
Broadband ATE
SDA-5000


Similar Part No. - SDA-5000

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
SDA-5000 JDSU-SDA-5000 Datasheet
780Kb / 12P
Stealth Digital Analyzer
More results

Similar Description - SDA-5000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XD1002 MIMIX-XD1002 Datasheet
336Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1005-BD MIMIX-XD1005-BD Datasheet
314Kb / 6P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002-BD MIMIX-XD1002-BD Datasheet
358Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
logo
RF Micro Devices
SDA-1000 RFMD-SDA-1000 Datasheet
1Mb / 7P
GaAs Distributed Amplifier
SDA-2000 RFMD-SDA-2000 Datasheet
1Mb / 8P
GaAs Distributed Amplifier
SDA-3000 RFMD-SDA-3000 Datasheet
1Mb / 7P
GaAs Distributed Amplifier
SDA-4000 RFMD-SDA-4000 Datasheet
1Mb / 7P
GaAs Distributed Amplifier
SDA-6000 RFMD-SDA-6000 Datasheet
1Mb / 8P
GaAs Distributed Amplifier
SDA-7000 RFMD-SDA-7000 Datasheet
1Mb / 9P
GaAs Distributed Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com