Electronic Components Datasheet Search
  English  ▼

X  

SDA-5000 Datasheet(PDF) 5 Page - RF Micro Devices

Part # SDA-5000
Description  GaAs Distributed Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SDA-5000 Datasheet(HTML) 5 Page - RF Micro Devices

  SDA-5000 Datasheet HTML 1Page - RF Micro Devices SDA-5000 Datasheet HTML 2Page - RF Micro Devices SDA-5000 Datasheet HTML 3Page - RF Micro Devices SDA-5000 Datasheet HTML 4Page - RF Micro Devices SDA-5000 Datasheet HTML 5Page - RF Micro Devices SDA-5000 Datasheet HTML 6Page - RF Micro Devices SDA-5000 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140210
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
5 of 7
SDA-5000
Application Schematic
Die Drawing (Dimensions in millimeters)
Notes:
1.
No connection required for unlabeled bond pads
2.
Die thickness is 0.102mm (4mil)
3.
Typical bond pad is 0.100mm square
4.
Backside metallization: gold
5.
Backside metal is ground
6.
Bond pad metallization: gold
7.
Refer to drawing posted at www.rfmd.com for tolerances
NOTE: Drain Bias (VDD) must be applied through a broadband bias tee or external bias network.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com