Electronic Components Datasheet Search
  English  ▼

X  

SDA-5000 Datasheet(PDF) 6 Page - RF Micro Devices

Part # SDA-5000
Description  GaAs Distributed Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SDA-5000 Datasheet(HTML) 6 Page - RF Micro Devices

  SDA-5000 Datasheet HTML 1Page - RF Micro Devices SDA-5000 Datasheet HTML 2Page - RF Micro Devices SDA-5000 Datasheet HTML 3Page - RF Micro Devices SDA-5000 Datasheet HTML 4Page - RF Micro Devices SDA-5000 Datasheet HTML 5Page - RF Micro Devices SDA-5000 Datasheet HTML 6Page - RF Micro Devices SDA-5000 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140210
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
6 of 7
SDA-5000
Pin Names and Descriptions
Pin
Name
Description
Interface Schematic
1
RFIN
RF Input. This pad is DC coupled and matched to 50
Ω from DC to
35GHz. 50
Ω microstrip transmission line on 0.127mm (5mil) thick
alumina thin film substrate is recommended for RF input and
output.
2
VG2
VG2 is an optional pad. It may be used to bias the cascode gate of
the amplifier. If this port is used, a 1000pF bypass capacitor with
the shortest wirebond length possible is recommended to prevent
low frequency gain ripple.
3
VTO
The output drain termination pad. This pad requires a suggested
1000pF bypass capacitor with the shortest wirebond length to
prevent low frequency gain ripple. The value of the external
capacitance limits the low frequency response of the amplifier.
4
RFOUT and
VDD
RF Output. 50
Ω microstrip transmission line on 0.127mm (5mil)
thick alumina thin film substrate is recommended for RF input and
output. Connect the DC bias (VDD) network to provide drain current
(IDD).
5
VCAS
Provides VG2 gate voltage to the cascode amplifier. The value is
~ (VCC/2 – absolute value of VTI).
6
VG21
Not connected.
7
VTI
Input gate voltage, used to bias the amplifier. The value is between
-1.5VDC (device is pinched OFF) to +0.2VDC (fully ON). This pad
requires a bypass capacitor to ground with the shortest possible
wirebond length to prevent low frequency gain ripple. The value of
the external capacitance limits the low frequency response of the
amplifier.
Die
GND
Ground connection. Connect die bottom directly to ground plane for
best performance. NOTE: The die should be connected directly to
the ground plane with conductive epoxy.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com