Electronic Components Datasheet Search
  English  ▼

X  

RFHA3960 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFHA3960
Description  Broadband Operation DC to 6GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA3960 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFHA3960 Datasheet HTML 4Page - RF Micro Devices RFHA3960 Datasheet HTML 5Page - RF Micro Devices RFHA3960 Datasheet HTML 6Page - RF Micro Devices RFHA3960 Datasheet HTML 7Page - RF Micro Devices RFHA3960 Datasheet HTML 8Page - RF Micro Devices RFHA3960 Datasheet HTML 9Page - RF Micro Devices RFHA3960 Datasheet HTML 10Page - RF Micro Devices RFHA3960 Datasheet HTML 11Page - RF Micro Devices RFHA3960 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131206
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
11 of 12
RFHA3960
PRELIMINARY
Bias Instruction for RFHA3960 Evaluation Board
ESD Sensitive Material. Please use proper ESD precautions when handling devices of evaluation board.
Evaluation board requires additional external fan cooling.
Connect all supplies before powering up the evaluation board.
1.
Connect RF cables at RFIN and RFOUT.
2.
Connect ground to the ground supply terminal, and ensure that both the VG and VD grounds are also connected to this
ground terminal.
3.
Apply -8V to VGate.
4.
Apply 28/48V to VDrain.
5.
Increase VG until drain current reaches desired 50mA bias point.
6.
Turn on RF input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com