Electronic Components Datasheet Search
  English  ▼

X  

RFHA3960 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFHA3960
Description  Broadband Operation DC to 6GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA3960 Datasheet(HTML) 3 Page - RF Micro Devices

  RFHA3960 Datasheet HTML 1Page - RF Micro Devices RFHA3960 Datasheet HTML 2Page - RF Micro Devices RFHA3960 Datasheet HTML 3Page - RF Micro Devices RFHA3960 Datasheet HTML 4Page - RF Micro Devices RFHA3960 Datasheet HTML 5Page - RF Micro Devices RFHA3960 Datasheet HTML 6Page - RF Micro Devices RFHA3960 Datasheet HTML 7Page - RF Micro Devices RFHA3960 Datasheet HTML 8Page - RF Micro Devices RFHA3960 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131206
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 12
RFHA3960
PRELIMINARY
Parameter
Specification
Unit
Condition
Min
Typ
Max
RF Functional Test
Test Conditions: VDSQ = 28V, IDQ = 50mA,
T = 25°C, Performance in a standard tuned test fixture
VGS (Q)
-1.1
V
VDSQ = 28V, IDQ = 50mA
Linear Gain
16
dB
CW,PIN = 0dBm, f = 2500MHz
Power Gain
13
dB
CW,PIN = 22dBm, f = 2500MHz
Drain Efficiency
TBD
%
PAE
TBD
%
Input Return Loss
-12
dB
ACP
TBD
dBc
RF Typical Performance
Test Conditions: CW operation, VDSQ = 28V, IDQ = 50mA,
T = 25°C, Performance in a standard tuned test fixture
Small Signal Gain
16
dB
CW, f = 2500MHz
Output Power at P3dB
35
dBm
CW, f = 2500MHz
Drain Efficiency at P3dB
57
%
CW, f = 2500MHz
PAE
54
%
CW, f = 2500MHz
Input Return Loss
-17
dB
CW, f = 2500MHz
IMD3
-40
dBc
2-Tone, fc = 2500MHz,1MHz Tone spacing,
VDSQ = 28V, IDQ = 50mA
RF Typical Performance
Test Conditions: CW operation, VDSQ = 48V, IDQ = 50mA,
T = 25°C, Performance in a standard tuned test fixture
Small Signal Gain
15.5
dB
CW, f = 2500MHz
Output Power at P3dB
38
dBm
CW, f = 2500MHz
Drain Efficiency at P3dB
50
%
CW, f = 2500MHz
PAE
47
%
CW, f = 2500MHz
Input Return Loss
-23
dB
CW, f = 2500MHz
IMD3
-45
dBc
2-Tone, fc = 2500MHz,1MHz Tone spacing,
VDSQ = 48V, IDQ = 80mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com