Electronic Components Datasheet Search
  English  ▼

X  

LP28400 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP28400
Description  Programmable Charge Current Up to 3000mA
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28400 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP28400 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 9Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 10Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 11Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 12Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Preliminary Datasheet
LP28400
LP28400-00 Version 1.0 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 8 of 17
BTST,
SW,
SRP,
SRN,
VAVCC > VUVLO,
VAVCC > VSRN, ISET >
120mV, VBAT=8.4V,
Charge done
25
uA
VFLOAT
Regulated Output (Float) Voltage
CELL = VREF, TJ = 0°C to 85°C
LP28400
4.158
4.2
4.242
V
CELL = GND, TJ = 0°C to 85°C
LP28400
8.358
8.4
8.442
V
Fsw
PWM Switching Frequency
1.32
1.5
1.68
MHz
VISET
ISET Voltage Range
0
VREF
V
IISET
ISET Input Bias Current
25
-25
uA
VSRP-SRN-CC
Charge Current Full Scale
Sense Voltage
VISET=VREF
71
75
79
mV
VISET=Float
46
50
54
mV
VISET=AGND
21
25
29
mV
VSRP-SRN-CP
Charge Current Full Scale
Sense Voltage in Pre-Charge
VISET=VREF
7.1
7.5
7.9
mV
VISET=Float
4.6
5.0
5.4
mV
VISET=AGND
2.1
2.5
2.9
mV
TTERM_DEG
Deglitch time
VSRN > VRECH and ICHG <
ITERM
100
mS
VLOWV
Precharge to fast charge
transition threshold
CELL = VREF, measured on
SRN
2.85
2.9
2.95
V
CELL = AGND, measured
on SRN
5.7
5.8
5.9
V
VLOWV_HYS
Fast charge to precharge
hysteresis
CELL = VREF, measured on
SRN
200
mV
CELL = AGND, measured
on SRN
400
mV
KTERM
Termination set factor
Termination of fast charge
current
10%
VRECHG
Recharge
Threshold,
below
regulation
voltage
limit,
VBAT_REG-VSRN
CELL=VREF ,measured on SRN
100
130
160
mV
CELL=GND, measured on SRN
200
260
320
mV
TPRE-CHARGE
Pre-Charge Timer
1848
2100
2352
S
TFAST-CHARGE
Fast-Charge Timer
22176
25200
28224
S
VVREF_REG
VREF regulator voltage
VAVCC > VUVLO, No load
3.13
3.3
3.47
V
IVREF_LIM
VREF current limit
VVREF=0V,VAVCC> VUVLO
40
mA
VREGN_REG
REGN regulator voltage
VAVCC > 10 V
5
5.3
5.6
V
IREGN_LIM
REGN current limit
VREGN = 0 V, VAVCC > 10V
50
mA
RDS
High-Side Ron
VBS-VSW=5V
110
mΩ
Low-Side Ron
VREGN=5V
110
mΩ
RDS_BAT_OFF
BATFET Turn-off Resistance
VAVCC > 5V
100
Ω
RDS_BAT_ON
BATFET Turn-on Resistance
VAVCC > 5V
20
KΩ
VBATDRV_REG
BATFET Drive Voltage
VBATDRV_REG
=VACN
-
VBATDRV when VAVCC >
4.2
7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com