Electronic Components Datasheet Search
  English  ▼

X  

LP28400 Datasheet(PDF) 9 Page - Lowpower Semiconductor inc

Part # LP28400
Description  Programmable Charge Current Up to 3000mA
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28400 Datasheet(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LP28400 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 9Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 10Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 11Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 12Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 13Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Preliminary Datasheet
LP28400
LP28400-00 Version 1.0 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 9 of 17
5V and BATFET is on
IOCP_HSFET
Current limit on HSFET
Measure on HSFET
6
A
VIN OVP
Over voltage protection
CELL = VREF
6.4
6.6
6.8
V
CELL = GND
16.1
16.5
16.9
V
VACOV_HYS
AC over-voltage falling
hysteresis
CELL = VREF
200
mV
CELL = GND
500
mV
TACOV_RISE_DEG
AC Over-Voltage Rising Deglitch
to turn off ACFET and Disable
Charge
AVCC rising
1
µs
TACOV_FALL_DEG
AC Over-Voltage Falling
Deglitch to Turn on ACFET
AVCC falling
25
mS
VLTF
Cold Temperature Threshold, TS
pin Voltage Rising Threshold
Charger suspends charge.
As percentage to VREF
72.5
73.5
74.5
%
VLTF_HYS
Hot Temperature Hysteresis, TS
pin voltage Falling
As percentage to VVREF
0.2
0.4
0.6
%
VHTF
Hot Temperature TS pin voltage
rising Threshold
As percentage to VVREF
46.6
47.2
47.8
%
VTCO
Cut-off Temperature TS pin
voltage falling Threshold
As percentage to VVREF
44.2
44.7
45.2
%
TJ_REG
Junction Temperature
Charging
125
TSHUT
Thermal shutdown temperature
Temperature rising
160
TSHUT_HYS
Thermal shutdown hysteresis
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com