Electronic Components Datasheet Search
  English  ▼

X  

LP28400 Datasheet(PDF) 15 Page - Lowpower Semiconductor inc

Part # LP28400
Description  Programmable Charge Current Up to 3000mA
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28400 Datasheet(HTML) 15 Page - Lowpower Semiconductor inc

Back Button LP28400 Datasheet HTML 9Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 10Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 11Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 12Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 13Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 14Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 15Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 16Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 17Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Preliminary Datasheet
LP28400
LP28400-00 Version 1.0 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 15 of 17
below 1/10th the VSRP-SRN rammed value, the LP28400
terminates the charge cycle and ceases to provide any current
through the BAT pin. In this state, all loads on the BAT pin must
be supplied by the battery.
Charge Status Indicator (STAT)
The open-drain STAT output indicate various charger
operations as shown in the following table. these status pins
can be used to driver LEDs or communicate to the host
processor. Note that OFF indicates the open-drain transistor is
turned off. A microprocessor can be used to distinguish
between these three states—this method is discussed in the
Applications Information section.
Charge STATE
STAT
Charging
ON
Charge done
OFF
Safety Timers
As a safety backup, the charger also provides an internal fixed
35 minutes pre-charge safety timer and an internal fixed 7 hours
fast charge timer
Soft-Start Charger Current
The charger automatically soft-starts the charger regulation
current every time the charger goes into fast-charge to ensure
there is no overshoot or stress on the output capacitors or the
power converter. The soft-start consists of stepping-up the
charge regulation current into 8 evenly divided steps up to the
programmed charge current. Each step lasts around 1.4ms, for
a typical rise time of 11.2ms. No external components are
needed for this function.
Battery Temperature Detection
The controller continuously monitors battery temperature by
measuring the voltage between the TS pin and AGND. A
negative temperature coefficient resistance (NTC) and an
external voltage divider typically develop this voltage. The
controller compares this voltage against its internal thresholds
to determine if charging is allowed. To initiate a charge cycle,
the battery temperature must be within the VLTF to VHTF
thresholds. If battery temperature is outside of this range, the
controller suspends charge and waits until the battery
temperature is within the VLTF to VHTF range. During the
charge cycle the battery temperature must be within the VLTF
to VTCO thresholds. The controller suspends charge by turning
off the PWM charge MOSFETs.
Assuming a NTC thermistor on the battery pack
have
resistance at 0°C and 45°C are RTHCOLD and RTHHOT,
the values of RT1 and RT2 can be determined by using below
equations
Temperature Sensing Configuration
System Power Selector
The IC automatically switches adapter or battery power to the
system load. The battery is connected to the system by default
during power up or during SLEEP mode. When the adapter
LP28400
RTC1
RT2
NTC
TS
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com