Electronic Components Datasheet Search
  English  ▼

X  

LP28400 Datasheet(PDF) 16 Page - Lowpower Semiconductor inc

Part # LP28400
Description  Programmable Charge Current Up to 3000mA
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28400 Datasheet(HTML) 16 Page - Lowpower Semiconductor inc

Back Button LP28400 Datasheet HTML 9Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 10Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 11Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 12Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 13Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 14Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 15Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 16Page - Lowpower Semiconductor inc LP28400 Datasheet HTML 17Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Preliminary Datasheet
LP28400
LP28400-00 Version 1.0 May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 16 of 17
plugs in and the voltage is above the battery voltage, the IC
exits SLEEP mode. The battery is disconnected from the
system and the adapter is connected to the system after exiting
SLEEP. An automatic break-before-make logic prevents
shoot-through currents when the selectors switch. The ACDRV
is used to drive a pair of back-to-back n-channel power
MOSFETs between adapter and ACP with sources connected
together to CMS. The n-channel FET with the drain connected
to the ACP (Q2, RBFET) provides reverse battery discharge
protection, and minimizes system power dissipation with its
low-RDSON. The other n-channel FET with drain connected to
adapter input (Q1, ACFET) separates battery from adapter, and
provides a limited dI/dt when connecting the adapter to the
system by controlling the FET turn-on time. The /BATDRV
controls a p-channel power MOSFET (Q3, BATFET) placed
between battery and system with drain connected to battery.
Before the adapter is detected, the ACDRV is pulled to CMS to
keep ACFET off, disconnecting the adapter from system.
/BATDRV stays at ACN-5V (clamp to ground) to connect
battery to system.
After the device comes out of SLEEP mode, the system begins
to switch from battery to adapter.
When the adapter is removed, the IC turns off ACFET and
enters SLEEP mode to turn on p-channel BATFET, connecting
the battery to the system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com