Electronic Components Datasheet Search
  English  ▼

X  

MAX1108 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1108
Description  Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1108 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1108 Datasheet HTML 5Page - Maxim Integrated Products MAX1108 Datasheet HTML 6Page - Maxim Integrated Products MAX1108 Datasheet HTML 7Page - Maxim Integrated Products MAX1108 Datasheet HTML 8Page - Maxim Integrated Products MAX1108 Datasheet HTML 9Page - Maxim Integrated Products MAX1108 Datasheet HTML 10Page - Maxim Integrated Products MAX1108 Datasheet HTML 11Page - Maxim Integrated Products MAX1108 Datasheet HTML 12Page - Maxim Integrated Products MAX1108 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Single-Supply, Low-Power,
2-Channel, Serial 8-Bit ADCs
_______________________________________________________________________________________
9
0.5
-0.5
0
300
INTEGRAL NONLINEARITY
vs. CODE
-0.1
0
-0.3
-0.4
-0.2
0.4
0.3
DIGITAL CODE
50
100
150
200
250
0.1
0.2
20
-100
0
30
FFT PLOT
-60
-80
0
FREQUENCY (kHz)
5
10
15
20
25
-20
-40
fCH_ = 9997Hz, 2Vp-p
fSAMPLE = 53.25kHz
21.0
18.0
0
6
CONVERSION TIME vs. SUPPLY VOLTAGE
19.0
18.5
20.5
SUPPLY VOLTAGE (V)
1
2
3
4
5
20.0
19.5
INTERNAL CONVERSION MODE
Typical Operating Characteristics (continued)
(VDD = +3.0V (MAX1108), VDD = +5.0V (MAX1109); external conversion mode; fSCLK = 500kHz; 50ksps; external reference; 1µF at
REF; TA = +25°C; unless otherwise noted.)
Pin Description
Sampling Analog Inputs
CH0, CH1
2, 3
Reference voltage for analog-to-digital conversion (internal or external reference). Reference input for
external reference. Bypass internal reference with 1µF capacitor to GND.
REF
5
Ground
GND
4
Active-Low Chip Select. Data is not clocked into DIN unless CS is low. When CS is high, DOUT is high
impedance.
CS
7
Serial Data Output. Data is clocked out on the falling edge of SCLK. High impedance when CS is high.
DOUT
9
Serial Data Input. Data is clocked in at the rising edge of SCLK.
DIN
8
Common reference for analog inputs. Sets zero-code voltage in single-ended mode. Must be stable to
±0.5LSB during conversion.
COM
6
Serial Clock Input. Clocks data in and out of serial interface. In external clock mode, SCLK also sets the
conversion speed.
SCLK
10
PIN
Positive Supply Voltage
VDD
1
FUNCTION
NAME
25
15
-40
100
CONVERSION TIME vs. TEMPERATURE
18
17
16
24
23
TEMPERATURE (°C)
-20
0
20
40
60
80
22
21
20
19
INTERNAL CONVERSION MODE
VDD = 3V
VDD = 5V
1.0010
0.9980
-40
100
NORMALIZED REFERENCE VOLTAGE
vs. TEMPERATURE
0.9990
0.9985
1.0005
TEMPERATURE (°C)
-20
0
20
40
60
80
1.0000
0.9995
0
-100
0
25
CHANNEL-TO-CHANNEL
CROSSTALK vs. FREQUENCY
-70
-80
-90
-10
-20
FREQUENCY (kHz)
5
10
15
20
-30
-40
-50
-60
VCH_OFF = VREFp-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com