Electronic Components Datasheet Search
  English  ▼

X  

MAX1108 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1108
Description  Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1108 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1108 Datasheet HTML 1Page - Maxim Integrated Products MAX1108 Datasheet HTML 2Page - Maxim Integrated Products MAX1108 Datasheet HTML 3Page - Maxim Integrated Products MAX1108 Datasheet HTML 4Page - Maxim Integrated Products MAX1108 Datasheet HTML 5Page - Maxim Integrated Products MAX1108 Datasheet HTML 6Page - Maxim Integrated Products MAX1108 Datasheet HTML 7Page - Maxim Integrated Products MAX1108 Datasheet HTML 8Page - Maxim Integrated Products MAX1108 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Wake-Up Time
Single-Supply, Low-Power,
2-Channel, Serial 8-Bit ADCs
4
_______________________________________________________________________________________
CS = VDD
CS = VDD
pF
15
COUT
Three-State Output Capacitance
µA
±0.01
±10
IL
Three-State Leakage Current
Figure 1, CLOAD = 100pF
Figure 1, CLOAD = 100pF
Figure 2, CLOAD = 100pF
ns
240
tDV
CS Fall to Output Enable
ns
CONDITIONS
20
200
tDO
SCLK Fall to Output Data Valid
ns
240
tTR
CS Rise to Output Disable
ns
100
tDS
DIN to SCLK Setup Time
µs
1.0
tACQ
Acquisition Time
ns
0
tDH
DIN to SCLK Hold Time
External reference
Internal reference (Note 10)
µs
20
ns
200
tCL
SCLK Pulse Width Low
ms
12
tWAKE
Wake-Up Time
ns
0
tCSH
CS to SCLK Rise Hold
ns
100
tCSS
CS to SCLK Rise Setup
ns
200
tCH
SCLK Pulse Width High
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ISINK = 5mA
ISOURCE = 0.5mA
ISINK = 16mA
V
0.4
V
VDD - 0.5
VOH
Output High Voltage
V
0.8
VOL
Output Low Voltage
ELECTRICAL CHARACTERISTICS—MAX1108 (continued)
(VDD = +2.7V to +3.6V; unipolar input mode; COM = GND, fSCLK = 500kHz, external clock mode (50% duty cycle); 10 clocks/conver-
sion cycle (50ksps); 1µF capacitor at REF, external +2.048V reference at REF; TA = TMIN to TMAX; unless otherwise noted. Typical
values are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS—MAX1109
(VDD = +4.5V to +5.5V; unipolar input mode; COM = GND, fSCLK = 500kHz, external clock (50% duty cycle); 10 clocks/conversion
cycle (50ksps); 1µF capacitor at REF, external +4.096V reference at REF; TA = TMIN to TMAX; unless otherwise noted. Typical values
are at TA = +25°C.)
VDD = 4.5V to 5.5V
LSB
Offset Error
±0.2
±1
LSB
±1
VDD = 4.5V to 5.5V
No missing codes over temperature
Gain Error (Note 3)
ppm/°C
±0.8
CONDITIONS
Gain Temperature Coefficient
TA = TMIN to TMAX
TA = +25°C
mV
50
VDD / 2 Sampling Accuracy
LSB
±0.5
TUE
Total Unadjusted Error
±1
LSB
±0.1
Channel-to-Channel
Offset Matching
±0.15
±0.5
bits
8
Resolution
LSB
INL
Relative Accuracy (Note 1)
LSB
±1
DNL
Differential Nonlinearity
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DIGITAL OUTPUT (DOUT)
TIMING CHARACTERISTICS (Figures 8, 9, and 10)
DC ACCURACY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com