Electronic Components Datasheet Search
  English  ▼

X  

MAX1108 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1108
Description  Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1108 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1108 Datasheet HTML 9Page - Maxim Integrated Products MAX1108 Datasheet HTML 10Page - Maxim Integrated Products MAX1108 Datasheet HTML 11Page - Maxim Integrated Products MAX1108 Datasheet HTML 12Page - Maxim Integrated Products MAX1108 Datasheet HTML 13Page - Maxim Integrated Products MAX1108 Datasheet HTML 14Page - Maxim Integrated Products MAX1108 Datasheet HTML 15Page - Maxim Integrated Products MAX1108 Datasheet HTML 16Page - Maxim Integrated Products MAX1108 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Single-Supply, Low-Power,
2-Channel, Serial 8-Bit ADCs
______________________________________________________________________________________
13
Table 1. Control Byte Format
Table 2. Conversion Configuration
Table 3. Full- and Zero-Scale Voltages
*
RI = Reference Input (Table 2)
START
SEL2
SEL1
SEL0
I/ECLK
I/EREF
REFSHDN
SHDN
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(MSB)
(LSB)
NAME
I/EREF
2
BIT
1 = internal reference, 0 = external reference. Internal reference selects +2.048V (MAX1108) or
+4.096V (MAX1109), or an external reference can be applied to the REF pin.
DESCRIPTION
I/ECLK
3
START
1 = external clock, 0 = internal clock. The SAR can be driven by the internal oscillator, or with the
SCLK signal.
SHDN
0 (LSB)
7 (MSB)
1 = operational, 0 = power down. For a full power down set REFSHDN = SHDN = 0. (See
Power-
Down Mode section.)
The first logic “1” bit after CS goes low defines the beginning of the control byte.
SEL2
SEL1
SEL0
6
5
4
Selects the mode of operation (Table 2).
REFSHDN
1
1 = operational (if I / EREF = 1), 0 = reference shutdown. When using an external reference, power
consumption can be minimized by powering down the internal reference separately (I / EREF = 0).
REFSHDN must be set to 0 when SHDN = 0.
UNIPOLAR MODE
RI*
RI - VREF / 2
Zero Scale
RI + VREF
RI
RI + VREF / 2
Negative
Full Scale
Full Scale
Zero
Scale
BIPOLAR MODE
Positive
Full Scale
SEL2
1
1
1
1
SEL1
SAMPLED INPUT
(SI)
SEL0
0
1
CH1
CH0
CONVERSION MODE
REFERENCE INPUT
(RI)
COM
COM
Unipolar
Unipolar
1
0
1
0
1
CH1
CH0
0
GND
GND
Unipolar
Unipolar
0
0
0
1
1
CH1
CH0
1
COM
COM
Bipolar
Bipolar
0
0
0
0
1
VDD / 2
CH0
0
GND
CH1
Unipolar
Bipolar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com