Electronic Components Datasheet Search
  English  ▼

X  

MAX1108 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX1108
Description  Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1108 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX1108 Datasheet HTML 12Page - Maxim Integrated Products MAX1108 Datasheet HTML 13Page - Maxim Integrated Products MAX1108 Datasheet HTML 14Page - Maxim Integrated Products MAX1108 Datasheet HTML 15Page - Maxim Integrated Products MAX1108 Datasheet HTML 16Page - Maxim Integrated Products MAX1108 Datasheet HTML 17Page - Maxim Integrated Products MAX1108 Datasheet HTML 18Page - Maxim Integrated Products MAX1108 Datasheet HTML 19Page - Maxim Integrated Products MAX1108 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
In external clock mode, if CS is toggled before the cur-
rent conversion is complete, the current conversion is
terminated, and the next high bit clocked into DIN is
recognized as a new start bit. This can be useful in
extending acquisition time by selecting conversion on
the same channel with the second control byte (double-
clocking mode), effectively extending acquisition to 6
SCLKs. This technique is ideal if the analog input
source has high impedance, or if it requires more than
1µs to settle; it can also be used to allow the device
and the reference to settle when using power down-
modes (see
Power-Down Modes section).
__________Applications Information
Battery Monitoring Mode
This mode of operation samples and converts the mid-
supply voltage, VDD / 2, which is internally generated.
Set SEL2 = SEL1 = SEL0 = 0 in the control byte to
select this configuration. This allows the user to monitor
the condition of a battery providing VDD. The reference
voltage must be larger than VDD / 2 for this mode of
operation to work properly. From the result of conver-
sion (CODE), VDD is determined as follows:
VDD = CODE · VREF / 128.
Power-On Configuration
When power is first applied, the MAX1108/MAX1109’s
reference is powered down and SHDN is not enabled.
The device needs to be configured by setting CS low
and writing the control byte. Conversion can be started
within 20µs if an external reference is used. When using
the internal reference, allow 12ms for the reference to
settle. This is done by first performing a configuration
conversion to power up the reference and then per-
forming a second conversion once the reference is set-
tled. No conversions should be considered correct until
the reference voltage (internal or external) has stabi-
lized.
Power-Down Modes
To save power, place the converter into low-current
power-down mode between conversions. Minimum
power consumption is achieved by programming
REFSHDN = 0 and SHDN = 0 in the input control byte
(Table 4). When software power-down is asserted, it
becomes effective only after the conversion. If the con-
trol byte contains REFSHDN = 0, then the reference will
turn off at the end of conversion. If SHDN = 0, then the
chip will power-down at the end of conversion (in this
mode I/EREF or REFSHDN should also be set to zero).
Table 4 lists the power-down modes of the MAX1108/
MAX1109.
The first logical 1 clocked into DIN after CS falls powers
up the MAX1108/MAX1109 (20µs required for the
device to power up). The reference is powered up only
if internal reference was selected during the previous
conversion. When the reference is powered up after
being disabled, consider the settling time before using
the result of conversion. Typically, 12ms are required
for the reference to settle from a discharge state; less
time may be considered if the external capacitor is not
discharged completely when exiting shutdown. In all
power-down modes, the interface remains active and
conversion results may be read. Use the double clock-
ing technique described in the
Data Framing section to
allow more time for the reference to settle before start-
ing a conversion after short power-down.
Voltage Reference
The MAX1108/MAX1109 operate from a single supply
and feature a software-controlled internal reference of
+2.048V (MAX1108) and +4.096V (MAX1109). The
device can operate with either the internal reference or
an external reference applied at the REF pin. See the
Power-Down Modes and Modes of Operation sections
for detailed instructions on reference configuration.
The reference voltage determines the full-scale range:
in unipolar mode, the input range is from 0 to VREF; in
bipolar mode, the input range spans RI ±VREF / 2 with
RI = VREF / 2.
Single-Supply, Low-Power,
2-Channel, Serial 8-Bit ADCs
______________________________________________________________________________________
17
Table 4. Power-Down Modes of the
MAX1108/MAX1109
1
BIT 2–BIT 0 OF
CONTROL BYTE
1
1
0
1
1
1
0
0
0
1
X
1
0
0
1
0
X
REFSHDN
I/EREF
SHDN
OPERATING MODE
Device Active; Internal refer-
ence powered down after con-
version, powered up at next
start bit.
Device Active/Internal
Reference Active
Device and internal reference
powered down after conversion,
powered up at next start bit.
Device Active/External
Reference Mode
Reserved. Do not use.
Device powered down after
each conversion, powered up
at next start bit. External
Reference Mode.
X = Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com