Electronic Components Datasheet Search
  English  ▼

X  

MAX1245ACAP Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1245ACAP
Description  2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1245ACAP Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1245ACAP Datasheet HTML 9Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 10Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 11Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 12Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 13Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 14Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 15Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 16Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
selected, SSTRB does not go into a high-impedance
state when
CS goes high.
Figure 10 shows the SSTRB timing in internal clock
mode. In this mode, data can be shifted in and out of
the MAX1245 at clock rates exceeding 1.5MHz, provid-
ed that the minimum acquisition time, tACQ, is kept
above 2.0µs.
Data Framing
The falling edge of
CS does not start a conversion on
the MAX1245. The first logic high clocked into DIN is
interpreted as a start bit and defines the first bit of the
control byte. A conversion starts on the falling edge of
SCLK, after the eighth bit of the control byte (the PD0
bit) is clocked into DIN. The start bit is defined as:
The first high bit clocked into DIN with
CS low any
time the converter is idle; e.g., after VDD is applied.
OR
The first high bit clocked into DIN after bit 5 of a con-
version in progress is clocked onto the DOUT pin.
If CS is toggled before the current conversion is com-
plete, then the next high bit clocked into DIN is recog-
nized as a start bit; the current conversion is terminated,
and a new one is started.
+2.375V, Low-Power, 8-Channel,
Serial 12-Bit ADC
______________________________________________________________________________________
13
SSTRB
CS
SCLK
DIN
DOUT
14
8
12
18
20
24
START
SEL2 SEL1 SEL0
UNI/
BIP
SGL/
DIF
PD1 PD0
B11
MSB B10
B9
B2
B1
B0
LSB
FILLED WITH
ZEROS
IDLE
CONVERSION
7.5µs MAX
(SHDN = FLOAT)
2
3
5
6
7
9
10
11
19
21
22
23
tCONV
ACQUISITION
(SCLK = 1.5MHz)
IDLE
A/D STATE
2.0µs
PD0 CLOCK IN
tSSTRB
tCSH
tCONV
tSCK
SSTRB
• • •
SCLK
• • •
DOUT
• • •
tCSS
tDO
NOTE: FOR BEST NOISE PERFORMANCE, KEEP SCLK LOW DURING CONVERSION.
CS
• • •
Figure 9. Internal Clock Mode Timing
Figure 10. Internal Clock Mode SSTRB Detailed Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com