Electronic Components Datasheet Search
  English  ▼

X  

MAX1245ACAP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1245ACAP
Description  2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1245ACAP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1245ACAP Datasheet HTML 1Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 2Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 3Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 4Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 5Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 6Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 7Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 8Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
+2.375V, Low-Power, 8-Channel,
Serial 12-Bit ADC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.375V to +3.3V, COM = 0V, fCLK = 1.5MHz, external clock (50% duty cycle), 15 clocks/conversion cycle (100ksps),
VREF = 2.048V applied to VREF pin, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND, DGND .............................................. -0.3V to +6V
AGND to DGND.................................................... -0.3V to +0.3V
CH0–CH7, COM to AGND, DGND ............ -0.3V to (VDD + 0.3V)
VREF to AGND........................................... -0.3V to (VDD + 0.3V)
Digital Inputs to DGND............................................ -0.3V to +6V
Digital Outputs to DGND ........................... -0.3V to (VDD + 0.3V)
Digital Output Sink Current .................................................25mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 11.11mW/°C above +70°C) ......... 889mW
SSOP (derate 8.00mW/°C above +70°C) ................... 640mW
CERDIP (derate 11.11mW/°C above +70°C) .............. 889mW
Operating Temperature Ranges
MAX1245_C_P ................................................... 0°C to +70°C
MAX1245_E_P ................................................ -40°C to +85°C
Storage Temperature Range ............................ -60°C to +150°C
Lead Temperature (soldering, 10sec) ............................ +300°C
8
µs
35
65
tCONV
Conversion Time (Note 5)
5.5
7.5
MHz
1.0
Full-Power Bandwidth
MHz
2.25
Small-Signal Bandwidth
dB
-85
Channel-to-Channel Crosstalk
dB
76
SFDR
Spurious-Free Dynamic Range
dB
-76
THD
Total Harmonic Distortion
dB
68
SINAD
Signal-to-Noise + Distortion Ratio
LSB
±0.2
Channel-to-Channel Offset
Matching
ppm/°C
±0.25
Gain Temperature Coefficient
±0.5
Bits
12
Resolution
LSB
Gain Error (Note 3)
±0.5
±4
LSB
±1.0
INL
Relative Accuracy (Note 2)
LSB
±1
DNL
LSB
±0.5
±4
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
External clock = 1.5MHz, 12 clocks/conversion
Internal clock,
SHDN = VDD
Internal clock,
SHDN = FLOAT
MAX1245A
-3dB rolloff
50kHz, 2Vp-p (Note 4)
Up to the 5th harmonic
MAX1245B
No missing codes over temperature
CONDITIONS
Differential Nonlinearity
ns
40
Aperture Delay
MHz
1.5
SHDN = FLOAT
ps
<50
Aperture Jitter
MHz
0.1
1.5
µs
2.0
tACQ
Track/Hold Acquisition Time
External clock = 1.5MHz
0.225
Internal Clock Frequency
SHDN = VDD
0
1.5
External Clock Frequency
Data transfer only
DC ACCURACY (Note 1)
DYNAMIC SPECIFICATIONS (10kHz sine-wave input, 0Vp-p to 2.048Vp-p, 100ksps, 1.5MHz external clock, bipolar input mode)
CONVERSION RATE
Offset Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com