Electronic Components Datasheet Search
  English  ▼

X  

MAX1245ACAP Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1245ACAP
Description  2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1245ACAP Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1245ACAP Datasheet HTML 12Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 13Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 14Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 15Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 16Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 17Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 18Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 19Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
also specify the clock mode. When software shutdown is
asserted, the ADC continues to operate in the last speci-
fied clock mode until the conversion is complete. Then the
ADC powers down into a low quiescent-current state. In
internal clock mode, the interface remains active and con-
version results can be clocked out after the MAX1245 has
entered a software power-down.
The first logical 1 on DIN is interpreted as a start bit, and
powers up the MAX1245. Following the start bit, the data
input word or control byte also determines clock mode
and power-down states. For example, if the DIN word
contains PD1 = 1, the chip remains powered up. If PD0 =
PD1 = 0, a power-down resumes after one conversion.
Hardware Power-Down
Pulling SHDN low places the converter in hardware
power-down. Unlike the software power-down mode, the
conversion is not completed; it stops coincidentally with
SHDN being brought low. SHDN also controls the clock
frequency in internal clock mode. Letting SHDN float sets
the internal clock frequency to 1.5MHz. When returning
to normal operation with SHDN floating, there is a tRC
delay of approximately 2M
Ω x CL, where CL is the
capacitive loading on the SHDN pin. Pulling SHDN high
sets the internal clock frequency to 225kHz. This feature
eases the settling-time requirement for the reference
voltage.
External Reference
An external reference is required for the MAX1245. The
reference voltage range is 1V to VDD.
At VREF, the input impedance is a minimum of 18k
Ω for
DC currents. During a conversion, the reference must
be able to deliver up to 250µA DC load current and
have an output impedance of 10
Ω or less. If the refer-
ence has higher output impedance or is noisy, bypass
it close to the VREF pin with a 0.1µF capacitor.
Transfer Function
Table 6 shows the full-scale voltage ranges for unipolar
and bipolar modes using a 2.048V reference.
The external reference must have a temperature coefficient
of 4ppm/°C or less to achieve accuracy to within 1LSB over
the commercial temperature range of 0°C to +70°C.
Figure 14 depicts the nominal, unipolar input/output
(I/O) transfer function, and Figure 15 shows the bipolar
input/output transfer function. Code transitions occur
halfway between successive-integer LSB values.
Output coding is binary, with 1LSB = 500µV (2.048V /
4096) for unipolar operation and 1LSB = 500µV
[(2.048V / 2 - -2.048V / 2) / 4096] for bipolar operation.
Layout, Grounding, and Bypassing
For best performance, use printed circuit boards.
Wire-wrap boards are not recommended. Board layout
should ensure that digital and analog signal lines are
separated from each other. Do not run analog and digi-
tal (especially clock) lines parallel to one another, or
digital lines underneath the ADC package.
Figure 16 shows the recommended system ground
connections. A single-point analog ground (“star”
ground point) should be established at AGND, sepa-
rate from the logic ground. Connect all other analog
grounds and DGND to the star ground. No other digital
system ground should be connected to this ground.
The ground return to the power supply for the star
+2.375V, Low-Power, 8-Channel,
Serial 12-Bit ADC
16
______________________________________________________________________________________
100
1000
0.1
0.1
AVERAGE SUPPLY CURRENT
vs. CONVERSION RATE
10
1
CONVERSIONS PER CHANNEL PER SECOND (Hz)
10
1
1k
10k
100
100k
1 CHANNEL
8 CHANNELS
VDD = VREF = 2.5V
CODE = 101010100000
RL = ∞
Figure 13. Average Supply Current vs. Conversion Rate
Table 6. Full Scale and Zero Scale
UNIPOLAR MODE
BIPOLAR MODE
Full Scale
Zero Scale
Positive
Zero
Negative
Full Scale
Scale
Full Scale
VREF + COM
COM
VREF/2
COM
-VREF/2
+ COM
+ COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com