Electronic Components Datasheet Search
  English  ▼

X  

MAX1245ACAP Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1245ACAP
Description  2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1245ACAP Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1245ACAP Datasheet HTML 12Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 13Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 14Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 15Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 16Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 17Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 18Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 19Page - Maxim Integrated Products MAX1245ACAP Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
+2.375V, Low-Power, 8-Channel,
Serial 12-Bit ADC
18
______________________________________________________________________________________
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
MAX1245
MC683XX
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
SHDN
V
DD
SCLK
CS
DIN
SSTRB
DOUT
DGND
AGND
V
DD
VREF
(POWER SUPPLIES)
SCK
PCS0
MOSI
MISO
CLOCK CONNECTIONS NOT SHOWN
0.1
µF
4.7
µF
(GND)
0.1
µF
ANALOG
INPUTS
+3V
+2.5V
+2.048V
Figure 17. MAX1245 QSPI Connections
High-Speed Digital Interfacing with QSPI
The MAX1245 can interface with QSPI using the circuit in
Figure 17 (fSCLK = 1.5MHz, CPOL = 0, CPHA = 0). This
QSPI circuit can be programmed to do a conversion on
each of the eight channels. The result is stored in memory
without taxing the CPU, since QSPI incorporates its own
micro-sequencer.
Because the maximum external clock frequency is
1.5MHz, the MAX1245 is QSPI compatible up to 1.5MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com