Electronic Components Datasheet Search
  English  ▼

X  

MAX1669EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1669EEE
Description  Fan Controller and Remote Temperature Sensor with SMBus Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1669EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1669EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
GPIO Data Register
I/O1 and I/O2 are configured through the GPIO data
register and CONFIG byte register (Table 7 and Table 3).
Upon power-up, the GPIOs are set as inputs. To ensure
the I/Os are configured as inputs, set the state of the
DATA1 and DATA2 bits high within the GPIO data reg-
ister for I/O1 and I/O2, respectively. Figure 4 shows that
by setting the GPIO DATA_ bits high, the open-drain
FET connected to the I/O_ pins goes high impedance.
Next, clear the MASK1 and MASK2 bits low within the
CONFIG byte register to remove the masks on the
ALERT interrupts for I/O1 and I/O2, respectively.
To use I/O1 or I/O2 as an output, first set the MASK1
and MASK2 bits high, respectively. Setting the MASK_
bits high within the CONFIG byte register masks out the
corresponding I/O ALERT interrupts. Since the internal
FETs are open-drain, a pull-up resistor is required from
I/O_ to VCC. The DATA1 and DATA2 bits within the
GPIO data register directly control the state of the out-
puts of I/O1 and I/O2, respectively (Figure 4).
Fan Controller and Remote Temperature Sensor
with SMBus Serial Interface
______________________________________________________________________________________
13
BIT
NAME
NAME
0
5
D1
FAN duty-factor control bit
0
3–0
RFU
Reserved for future use
0
0
4
0
D0
FAN duty-factor control bit
6
D2
7 (MSB)
D3
FUNCTION
FAN duty-factor control bit
FAN duty-factor control bit. D3–D0 are decoded as follows:
D3–D0
Duty
VOUT (nominal)
0000b
0%
0V
0001b
6.67%
0.0625
· VCC
0010b
13.33%
0.125
· VCC
0011b
20%
0.1875
· VCC
0100b
26.67%
0.25
· VCC
0101b
33.33%
0.3125
· VCC
0110b
40%
0.375
· VCC
0111b
46.67%
0.4375
· VCC
1000b
53.33%
0.5
· VCC
1001b
60%
0.5625
· VCC
1010b
66.67%
0.625
· VCC
1011b
73.33%
0.6875
· VCC
1100b
80%
0.75
· VCC
1101b
86.67%
0.8125
· VCC
1110b
93.33%
0.875
· VCC
1111b
100%
0.9375
· VCC
Table 6. Fan Duty-Factor Data Byte Bit Assignments (Write Command = 1Bh)
S
R
ALERT
MASK_ BITS
GPIO DATA_ BITS
DELAY
I/O_ PIN
ALERT RESPONSE
Figure 4. GPIO Logic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com