Electronic Components Datasheet Search
  English  ▼

X  

MAX1669EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1669EEE
Description  Fan Controller and Remote Temperature Sensor with SMBus Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1669EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1669EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Fan Controller and Remote Temperature Sensor
with SMBus Serial Interface
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Temperature error = measured - actual, TA = +25°C, unless otherwise noted.)
Pin Description
0
20
40
60
80
100
04
2
5
7 8
10
12
3
1
6
9
11
131415
PWM DUTY FACTOR vs. CODE (D3D2D1D0)
CODE (D3D2D1D0)
VCC = +3.3V OR +5V
0
0.5
1.5
1.0
2.0
3.5
3.0
2.5
4.0
4.5
5.0
04
2
5
7 8
10
12
3
16
9
11
14
13
15
DAC OUTPUT vs. CODE (D3D2D1D0)
CODE (D3D2D1D0)
ILOAD = +10mA TO -10mA
VCC = +5V
NAME
FUNCTION
1
I/O1
General-Purpose Open-Drain Logic Input/Output 1. I/O1 is intended for driving LEDs, driving power-plane
switching MOSFETs, or detecting fan presence or chassis intrusion.
2
I/O2
General-Purpose Open-Drain Logic Input/Output 2. I/O2 is intended for driving LEDs, driving power-plane
switching MOSFETs, or detecting fan presence or chassis intrusion.
PIN
3
ADD0
SMBus Address Select Pin 0. See Table 11.
4
ADD1
SMBus Address Select Pin 1. See Table 11.
8
DXP
Combined Current Source and ADC Positive Input from Remote Diode. Place a 2200pF capacitor
between DXP and DXN for noise filtering.
7
DXN
Combined Current Sink and ADC Negative Input from Remote Diode. DXN is normally biased to a diode
voltage above ground.
6
AGND
Analog Ground
5
ADD2
SMBus Address Select Pin 2. See Table 11.
13
SMBCLK
SMBus Serial-Clock Input
12
PGND
Power Ground
11
FAN
Fan-Control Logic Output. Swings from PGND to VCC in PWM mode, or PGND to 0.94 · VCC in DAC mode.
10
SYNC
Oscillator Synchronization Input. Connect to AGND to use internal clock. Capture range is 140kHz to
400kHz. The synchronization signal is internally applied to the FAN PWM clock. See Table 5 for synchro-
nized frequencies.
9
VCC
Supply Voltage Input, +3V to +5.5V. Bypass to AGND with a 0.1µF capacitor.
16
OVERT
Active-Low, Open-Drain Thermostat Output. Activated by TCRIT threshold
15
ALERT
Active-Low, Open-Drain SMBus Alert (interrupt) Output
14
SMBDATA
Open-Drain SMBus Serial-Data Input/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com