Electronic Components Datasheet Search
  English  ▼

X  

MAX1669EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1669EEE
Description  Fan Controller and Remote Temperature Sensor with SMBus Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1669EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1669EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Fan Controller and Remote Temperature Sensor
with SMBus Serial Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.3V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Logic Input High Voltage
PARAMETER
MIN
TYP
MAX
UNITS
FAN PWM Frequency Error
-20
+20
%
FAN Total Unadjusted Error
-4
4
%FS
FAN Output Voltage High
2.96
3.06
V
CONDITIONS
PWM mode, any setting
DAC mode, any setting, RL = 10k
Ω to GND
DAC mode, FAN duty factor = 1111b,
IOUT = 5mA
SYNC Input Low Period
500
ns
SYNC Input High Period
500
ns
SYNC Capture Range
140
260
400
kHz
2.1
V
Logic Input Low Voltage
0.8
V
SMBDATA, ALERT, OVERT, I/O1, I/O2
Output Low Sink Current
6
mA
FAN Output Voltage Low
0.05
0.2
V
ALERT, OVERT, I/O1, I/O2 Output
High Leakage Current
1
µA
Logic Input Current
-1
1
µA
SMBus Input Capacitance
5
pF
SMBus Clock Frequency
DC
100
kHz
SMBCLK Clock Low Time (tLOW)
4.7
µs
SMBCLK Clock High Time (tHIGH)
4
µs
SMBus Rise Time
1
µs
SMBus Fall Time
300
ns
SMBus Start Condition Setup Time
4.7
µs
SMBus Repeated Start Condition Setup
Time (tSU:STA)
500
ns
SMBus Start Condition Hold Time (tHD:STA)
4
µs
SMBus Stop Condition Setup Time (tSU:STO)
4
µs
SMBus Data Valid to SMBCLK
Rising-Edge Time (tSU:DAT)
250
ns
Pin forced to 5.5V
Logic inputs forced to VCC or GND
ADD_, I/O1, I/O2, SYNC, SMBCLK, SMBDATA;
VCC = 3V to 5.5V
ADD_, I/O1, I/O2, SYNC, SMBCLK, SMBDATA;
VCC = 3V to 5.5V
SMBCLK, SMBDATA
(Note 3)
Pin forced to 0.4V
10% to 10% points
90% to 90% points
SMBCLK, SMBDATA, 10% to 90% points
SMBCLK, SMBDATA, 90% to 10% points
90% to 90% points
DAC mode, FAN duty factor = 0000b,
IOUT = -5mA
10% of SMBDATA to 90% of SMBCLK
90% of SMBCLK to 10% of SMBDATA
10% or 90% of SMBDATA to 10% of SMBCLK
SMBus Data-Hold Time (
tHD:DAT)
0
µs
SMBus Bus-Free Time (tBUF)
4.7
µs
SMBCLK Falling Edge to SMBus
Data-Valid Time
1
µs
(Note 4)
Between start/stop conditions
Master clocking-in data
SMBus INTERFACE (Figures 7, 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com