Electronic Components Datasheet Search
  English  ▼

X  

MAX1669EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1669EEE
Description  Fan Controller and Remote Temperature Sensor with SMBus Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1669EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1669EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1669EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Fan Controller and Remote Temperature Sensor
with SMBus Serial Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.3V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to AGND...........................................................-0.3V to +6V
DXP, ADD_ to AGND.................................-0.3V to (VCC + 0.3V)
DXN to AGND.......................................................-0.3V to +0.8V
SMBCLK, SMBDATA, ALERT, SYNC,
I/O1, I/O2, OVERT, FAN to AGND ......................-0.3V to +6V
FAN to PGND ............................................-0.3V to (VCC + 0.3V)
PGND to AGND ....................................................-0.3V to +0.3V
PWM Current....................................................-50mA to +50mA
SMBDATA Current .............................................-1mA to +50mA
I/O1, I/O2 Current...............................................-1mA to +25mA
DXN Current ......................................................................±1mA
ESD Protection (all pins, Human Body Model) .................2000V
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.30mW/°C above +70°C).......667mW
Operating Temperature Range (extended) ......-55°C to +125°C
Junction Temperature .....................................................+150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
FAN output set to
DAC mode
FAN output set to
150Hz mode
TR = 0°C to +100°C, diode ideality factor = 1.013
High level
PWM mode, VFAN forced to 0.4V
PWM mode, VFAN forced to 2.9V
Monotonicity guaranteed
VDXP forced to VDXN
+ 0.65V
SMBus static
Autoconvert mode
From stop bit to conversion complete
VCC, falling edge
VCC input, disables A/D conversion,
rising edge
Autoconvert mode,
average measured over 1s
CONDITIONS
mA
-10
FAN Output Sink Current
mA
10
FAN Output Source Current
V
0.7
DXN Source Voltage
80
100
120
µA
Remote-Diode Source Current
Hz
1.6
2
2.4
Conversion Rate
ms
47
62
78
Conversion Time
µA
360
µA
75
150
Average Operating Supply Current
°C
Temperature Error, Remote Diode (Note 2)
Bits
8
Resolution (Note 1)
310
µA
Standby Supply Current
mV
50
POR Threshold Hysteresis
V
1
1.9
2.5
Power-On Reset Threshold
-3
3
V
3
5.5
Supply Voltage Range
V
2.6
2.8
2.95
Undervoltage Lockout Threshold
mV
50
Undervoltage Lockout Hysteresis
UNITS
MIN
TYP
MAX
PARAMETER
SMBCLK at 10kHz
3
Low level
810
12
ADC AND POWER SUPPLY
FAN OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com