Electronic Components Datasheet Search
  English  ▼

X  

MAX1684EEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1684EEE
Description  Low-Noise, 14V Input, 1A, PWM Step-Down Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1684EEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1684EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Low-Noise, 14V Input, 1A, PWM
Step-Down Converters
_______________________________________________________________________________________
9
MAX1684
MAX1685
SYNC
&
STANDBY
CONTROL
REF
2.5V
4
µA
2.5V
SLOPE COMPENSATION
OSC
GM
INTEGRATOR
PFM
COMPARATOR
PWM MODE
NORMAL MODE
LOW-POWER MODE
VL
THERMAL
SHUTDOWN
UNDERVOLTAGE
COMPARATOR
PWM
COMPARATOR
PFM
CURRENT
COMPARATOR
ILIM
COMPARATOR
ZERO-CROSSING
COMPARATOR
CVL
ON
CVL
ILIM/SS
IN
AIN
SHDN
CVL
REF
SYNC/PWM
STBY
CC
ILIM THRESHOLD
CONTROL
& DRIVER
LOGIC
VH
CVH
LX
PGND
BOOT
FB
AGND
0.125V
Figure 2. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com