Electronic Components Datasheet Search
  English  ▼

X  

MAX1684EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1684EEE
Description  Low-Noise, 14V Input, 1A, PWM Step-Down Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1684EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1684EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Inverting Output
Interchanging the ground and VOUT connections yields
a negative voltage supply (Figure 4). The component
selections are the same as for a positive voltage con-
verter. The absolute maximum ratings limit the output
voltage range to -1.25V to +5.5V and the maximum
input voltage range to 14V -
 VOUT.
PC Board Layout
High switching frequencies and large peak currents
make PC board layout a very important part of design.
Poor design can result in excessive EMI on the feed-
back paths and voltage gradients in the ground plane,
both of which result in instability or regulation errors.
Power components such as the MAX1684/MAX1685
inductor, input filter capacitor, and output filter capacitor
should be placed as close together as possible, and
their traces kept short, direct, and wide, Connect their
ground nodes in a star-ground configuration. Keep the
extra copper on the board and integrate into ground as
a pseudo-ground plane.
When using external feedback, the feedback network
should be close to FB, within 0.2 inch (5mm), and the
output voltage feedback should be tapped as close to
the output capacitor as possible. Keep noisy traces,
such as those from LX, away from the voltage feedback
network. Separate the noisy traces by grounded cop-
per. Place the small bypass capacitors within 0.2 inch
(5mm) of their respective inputs. The MAX1684 evalua-
tion kit manual illustrates an example PC board layout,
routing, and pseudo-ground plane.
Connect AIN to IN with a short (0.2 inch) metal trace or a
1
Ω resistor and bypass AIN to PGND with a 0.1µF capac-
itor. This acts as a lowpass filter to reduce noise at AIN.
Low-Noise, 14V Input, 1A, PWM
Step-Down Converters
______________________________________________________________________________________
13
Pin Configuration
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
CVH
PGND
SHDN
LX
LX
BOOT
STBY
ILIM/SS
SYNC/PWM
TOP VIEW
MAX1684
MAX1685
QSOP
AIN
IN
REF
CVL
AGND
FB
CC
Chip Information
TRANSISTOR COUNT: 2061



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com