Electronic Components Datasheet Search
  English  ▼

X  

MAX1684EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1684EEE
Description  Low-Noise, 14V Input, 1A, PWM Step-Down Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1684EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1684EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Low-Noise, 14V Input, 1A, PWM
Step-Down Converters
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)
1.0
1.2
1.1
1.4
1.3
1.7
1.6
1.5
1.8
04
2
6
8
101214
MAXIMUM LOAD CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
PWM OR NORMAL MODE
0
200
600
400
1,000
1,200
800
1,400
06
2
8
10
12
14
16
SAFE OPERATING AREA
INPUT VOLTAGE (V)
VOUT = 3.3V
4
0
100
300
200
400
0
200
400
600
800
1,000
DROPOUT VOLTAGE vs. LOAD CURRENT
LOAD CURRENT (mA)
VOUT = 3.3V
VOUT = 5V
INDUCTOR RESISTANCE INCLUDED
0
100
50
200
150
250
300
4
678
5
9
10 11 12 13 14 15
NO-LOAD SUPPLY CURRENT
vs. INPUT VOLTAGE (VOUT = 3.3V)
INPUT VOLTAGE (V)
NORMAL MODE
LOW-POWER MODE
SCHOTTKY LEAKAGE
CURRENT INCLUDED
ILOAD
500mA/div
VOUT
50mV/div
2ms/div
LOAD-TRANSIENT RESPONSE
MAX1684/85-16
MAX1684, ILOAD = 0.1mA TO 1A, VOUT = 3.3V, VIN = 5V,
SYNC/PWM = 3.3V
2.0
2.5
3.0
3.5
4.0
4.5
5.0
46
5
7
8
9
10
11
12
MAX1684
NO-LOAD SUPPLY CURRENT
vs. INPUT VOLTAGE
(VOUT = 3.3V, PWM MODE)
INPUT VOLTAGE (V)
2.7
8
7
6
10
9
14
13
12
11
15
02468
10
12
14
PWM FIXED-FREQUENCY
OPERATION AREA
OUTPUT VOLTAGE (V)
MAX1685
MAX1684
VOUT
20mV/div
ILX
100mA/div
1
µs/div
SWITCHING WAVEFORM
MAX1684/85-17
MAX1684, ILOAD = 100mA, VOUT = 3.3V, VIN = 5V,
SYNC/PWM = 3.3V
VLX
5V/div
ILX
100mA/div
1
µs/div
SWITCHING WAVEFORM
MAX1684/85-18
MAX1684, ILOAD = 100mA, VOUT = 3.3V, VIN = 5V,
SYNC/PWM = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com