Electronic Components Datasheet Search
  English  ▼

X  

MAX1684EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1684EEE
Description  Low-Noise, 14V Input, 1A, PWM Step-Down Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1684EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1684EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Low-Noise, 14V Input, 1A, PWM
Step-Down Converters
_______________________________________________________________________________________
5
100
0
0.1
1
10
100
1,000
10,000
MAX1684
EFFICIENCY vs. LOAD CURRENT
(VIN = 3.3V, VOUT = 1.8V, 2.5V)
20
10
LOAD CURRENT (mA)
40
30
60
80
90
70
50
A: VOUT = 2.5V LP MODE
B: VOUT = 1.8V LP MODE
C: VOUT = 2.5V NORM MODE
D: VOUT = 1.8V NORM MODE
E: VOUT = 2.5V PWM MODE
F: VOUT = 1.8V PWM MODE
A
D
E
B
F
C
100
0
0.1
1
10
100
1,000
10,000
MAX1684
EFFICIENCY vs. LOAD CURRENT
(VOUT = 3.3V)
20
10
LOAD CURRENT (mA)
40
30
60
80
90
70
50
A: VIN = 4V LOW-POWER MODE
B: VIN = 12V LOW-POWER MODE
C: VIN = 4V NORMAL MODE
D: VIN = 12V NORMAL MODE
D
C
A
B
1
100
10
1,000
10,000
MAX1684
EFFICIENCY vs. LOAD CURRENT
(VOUT = 3.3V, PWM MODE)
LOAD CURRENT (mA)
100
0
20
10
50
40
30
70
60
90
80
A: VIN = 4V
B: VIN = 5V
C: VIN = 9V
D: VIN = 12V
C
B
A
D
100
20
0.1
1
10
100
1,000
10,000
MAX1684
EFFICIENCY vs. LOAD CURRENT
(VOUT = 5V)
40
30
LOAD CURRENT (mA)
50
70
90
80
60
A: VIN = 6V LP MODE
B: VIN = 9V LP MODE
C: VIN = 12V LP MODE
D: VIN = 6V NORMAL MODE
E: VIN = 9V NORMAL MODE
F: VIN = 12V NORMAL MODE
E
B
F
E
D
A
C
100
0
0.1
1
10
100
1,000
10,000
MAX1685
EFFICIENCY vs. LOAD CURRENT
(VOUT = 3.3V)
20
10
LOAD CURRENT (mA)
40
30
60
80
90
70
50
A: VIN = 4V LP MODE
B: VIN = 12V LP MODE
C: VIN = 4V NORMAL MODE
D: VIN = 12V NORMAL MODE
D
C
B
A
1
100
10
1,000
10,000
MAX1684
EFFICIENCY vs. LOAD CURRENT
(VOUT = 5V, PWM MODE)
LOAD CURRENT (mA)
100
0
20
10
50
40
30
70
60
90
80
A: VIN = 6V
B: VIN = 9V
C: VIN =12V
C
B
A
1
100
10
1,000
10,000
MAX1685
EFFICIENCY vs. LOAD CURRENT
(VOUT = 3.3V, PWM MODE)
LOAD CURRENT (mA)
100
0
20
10
50
40
30
70
60
90
80
VIN = 5V
VIN =9V
VIN = 12V
VIN = 4V
1
100
10
1,000
10,000
MAX1685
EFFICIENCY vs. LOAD CURRENT
(VOUT = 5V PWM MODE)
LOAD CURRENT (mA)
100
0
20
10
50
40
30
70
60
90
80
VIN = 6V
VIN = 9V
VIN =12V
100
0
0.1
1
10
100
1,000
10,000
MAX1685
EFFICIENCY vs. LOAD CURRENT
(VOUT = 5V)
20
10
LOAD CURRENT (mA)
40
30
60
80
90
70
50
A: VIN = 6V LOW-POWER MODE
B: VIN = 9V LOW-POWER MODE
C: VIN = 12V LOW-POWER MODE
D: VIN = 6V NORMAL MODE
E: VIN = 9V NORMAL MODE
F: VIN =12V NORMAL MODE
A
F
E
D
C
B
Typical Operating Characteristics
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com