Electronic Components Datasheet Search
  English  ▼

X  

MAX1709 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1709
Description  4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1709 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1709 Datasheet HTML 1Page - Maxim Integrated Products MAX1709 Datasheet HTML 2Page - Maxim Integrated Products MAX1709 Datasheet HTML 3Page - Maxim Integrated Products MAX1709 Datasheet HTML 4Page - Maxim Integrated Products MAX1709 Datasheet HTML 5Page - Maxim Integrated Products MAX1709 Datasheet HTML 6Page - Maxim Integrated Products MAX1709 Datasheet HTML 7Page - Maxim Integrated Products MAX1709 Datasheet HTML 8Page - Maxim Integrated Products MAX1709 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
4A, Low-Noise, High-Frequency,
Step-Up DC-DC Converter
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VOUT = VCLK = +3.6V, ONA = ONB = FB = GND, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ONA, ONB, OUT, SS/LIM, 3.3/5 to GND ...............-0.3V to +6.0V
LX to PGND ...........................................................-0.3V to +6.0V
FB, CLK, REF to GND.............................. -0.3V to (VOUT + 0.3V)
PGND to GND .......................................................-0.3V to +0.3V
Continuous Power Dissipation (TA = +70°C)
16-Pin Narrow SO (derate 16.5mW/°C above +70°C) .....1.3W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature ........................................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
3.3/5 = GND, ISW = 1A
3.26
3.34
3.42
Output Voltage
VFB < 0.1V (Note 1)
3.3/5 = OUT, ISW = 1A
4.92
5.05
5.17
V
Load Regulation
Measured between 1A < ISW < 3A (Note 2)
-0.25
-0.45
%/A
FB Regulation Voltage
ISW = 1A
1.215
1.240
1.265
V
FB Input Current
VFB = +1.5V
1
200
nA
Output Voltage Adjust Range
2.5
5.5
V
Output Undervoltage Lockout
(Note 3)
2.0
2.3
V
Frequency in Startup Mode
VOUT = 1.5V
40
400
kHz
Minimum Startup Voltage
IOUT < 1mA (Note 1), TA = +25
°C (Note 4)
0.9
1.1
V
Minimum Operating Voltage
(Note 5)
0.7
V
Soft-Start Pin Current
VSS/LIM = 1V
3.2
4
5.0
µA
OUT Supply Current
VFB = 1.5V (Note 6)
200
440
µA
OUT Leakage Current In
Shutdown
V ONB = 3.6V
0.1
5
µA
LX Leakage Current
VLX = V ONB = VOUT = +5.5V
0.1
40
µA
N-Channel Switch
On-Resistance
22
40
m
Ω
SS/LIM = open
7.5
9
12
N-Channel Current Limit
SS/LIM = 150k to GND
3.5
5
6.5
A
RMS Switch Current
10
ARMS
Reference Voltage
IREF = 0
1.245
1.260
1.275
V
Reference Load Regulation
-1
µA ″ IREF ″ 50µA4
10
mV
Reference Supply Rejection
+2.5V ″ VOUT ″ +5.5V
0.2
5
mV
ONA,
ONB, 3.3/5, 1.2V < VOUT < 5.5V
0.2 x
VOUT
Input Low Level (Note 7)
CLK, 2.7V < VOUT < 5.5V
0.2 x
VOUT
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com