Electronic Components Datasheet Search
  English  ▼

X  

MAX1709 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1709
Description  4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1709 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1709 Datasheet HTML 1Page - Maxim Integrated Products MAX1709 Datasheet HTML 2Page - Maxim Integrated Products MAX1709 Datasheet HTML 3Page - Maxim Integrated Products MAX1709 Datasheet HTML 4Page - Maxim Integrated Products MAX1709 Datasheet HTML 5Page - Maxim Integrated Products MAX1709 Datasheet HTML 6Page - Maxim Integrated Products MAX1709 Datasheet HTML 7Page - Maxim Integrated Products MAX1709 Datasheet HTML 8Page - Maxim Integrated Products MAX1709 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
4A, Low-Noise, High-Frequency,
Step-Up DC-DC Converter
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VOUT = VCLK = +3.6V, ONA = ONB = FB = GND, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS
(VOUT = VCLK = +3.6V, ONA = ONB = FB = GND, TA = -40°C to +85°C, unless otherwise noted.) (Note 9)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ONA,
ONB, 3.3/5, 1.2V < VOUT < 5.5
0.8
VOUT
Input High Level
CLK, 2.7 V< VOUT < 5.5V
0.8 x VOUT
V
Logic Input Current
ONA,
ONB, CLK, 3.3/5
1
µA
Internal Oscillator Frequency
520
600
680
kHz
Maximum Duty Cycle
82
90
94
%
External Clock Frequency
Range
350
1000
kHz
CLK Pulse Width
(Note 8)
100
ns
CLK Rise/Fall Time
(Note 8)
50
ns
x
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFB < 0.1V, VIN = +2.4V
3.3/5 = GND, ISW = 1A
3.24
3.45
Output Voltage
(Note 1)
3.3/5 = OUT, ISW = 1A
4.9
5.2
V
FB Regulation Voltage
ISW = 1A
1.21
1.27
V
FB Input Current
VFB = +1.5V
200
nA
Load Regulation
Measured between 1A < ISW < 5A (Note 2)
-0.45
%/A
Soft-Start Pin Current
SS/LIM = 1V
3.2
5.2
µA
OUT Leakage Current in
Shutdown
V ONB = 3.6V
5
µA
OUT Supply Current
VFB = 1.5V (Note 6)
400
µA
N-Channel Switch
On-Resistance
40
m
Ω
SS/LIM = unconnected
7.5
15
N-Channel Current Limit
SS/LIM = 150k
Ω to GND
3.5
7
V
Reference Voltage
IREF = 0
1.24
1.28
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com