Electronic Components Datasheet Search
  English  ▼

X  

MAX1709 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1709
Description  4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1709 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1709 Datasheet HTML 2Page - Maxim Integrated Products MAX1709 Datasheet HTML 3Page - Maxim Integrated Products MAX1709 Datasheet HTML 4Page - Maxim Integrated Products MAX1709 Datasheet HTML 5Page - Maxim Integrated Products MAX1709 Datasheet HTML 6Page - Maxim Integrated Products MAX1709 Datasheet HTML 7Page - Maxim Integrated Products MAX1709 Datasheet HTML 8Page - Maxim Integrated Products MAX1709 Datasheet HTML 9Page - Maxim Integrated Products MAX1709 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
4A, Low-Noise, High-Frequency,
Step-Up DC-DC Converter
6
_______________________________________________________________________________________
2
3
4
5
6
7
8
9
10
50
100
150
200
250
300
SWITCH CURRENT LIMIT
vs. SS/LIM RESISTANCE
SS/LIM RESISTANCE (k
Ω)
8.0
9.0
8.5
10.0
9.5
11.0
10.5
11.5
-40
10
-15
356085
SWITCH CURRENT LIMIT
vs. TEMPERATURE
TEMPERATURE (
°C)
VOUT = 3.3V
Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)
LINE-TRANSIENT
RESPONSE
MAX1709-14
3V
3.5V
5V
IOUT = 1A
100
µs/div
VOUT
50mV/div
VIN
0.5V/div
LOAD-TRANSIENT
RESPONSE
MAX1709-15
1A
3A
5V
20
µs/div
IL
2A/div
IOUT
2A/div
6A
4A
2A
VOUT
100mV/div
SHUTDOWN WITH SOFT-START
(CSS = 0.1
µF)
MAX1709-16
5V
0
1ms/div
VOUT
2V/div
VONA
5V/div
2A
0
4V
IIN
2A/div
4A
2V
CSS = 0.1
µF
ROUT = 5
Ω
VONB = VOUT
HEAVY SWITCHING WAVEFORM
MAX1709-13a
5V
5V
0
4A
2A
IOUT = 2A
1
µs/div
IL
2A/div
VOUT
100mV/div
VLX
5V/div
HEAVY SWITCHING WAVEFORM
(WITH LC FILTER)
MAX1709-13b
5V
5V
0
4A
2A
IOUT = 2A
L = 12.5nH (COILCRAFT A04T)
C = 1
µF
1
µs/div
IL
2A/div
VOUT
100mV/div
VLX
5V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com