Electronic Components Datasheet Search
  English  ▼

X  

MAX1709 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1709
Description  4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1709 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1709 Datasheet HTML 1Page - Maxim Integrated Products MAX1709 Datasheet HTML 2Page - Maxim Integrated Products MAX1709 Datasheet HTML 3Page - Maxim Integrated Products MAX1709 Datasheet HTML 4Page - Maxim Integrated Products MAX1709 Datasheet HTML 5Page - Maxim Integrated Products MAX1709 Datasheet HTML 6Page - Maxim Integrated Products MAX1709 Datasheet HTML 7Page - Maxim Integrated Products MAX1709 Datasheet HTML 8Page - Maxim Integrated Products MAX1709 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
4A, Low-Noise, High-Frequency,
Step-Up DC-DC Converter
_______________________________________________________________________________________
5
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
100
0
0.001
0.1
1
0.01
10
EFFICIENCY vs.
OUTPUT CURRENT (VOUT = 3.3V)
OUTPUT CURRENT (A)
10
20
30
40
50
60
70
80
90
VIN = 2.5V
VIN = 1.2V
100
0
0.001
0.1
1
0.01
10
EFFICIENCY vs.
OUTPUT CURRENT (VOUT = 5V)
OUTPUT CURRENT (A)
10
20
30
40
50
60
70
80
90
VIN = 3.3V
VIN = 2.5V
83.0
84.0
83.5
85.0
84.5
86.0
85.5
0.4
0.6
0.7
0.5
0.8
0.9
1.0
EFFICIENCY vs. SWITCHING FREQUENCY
(VIN = 3.3V, VOUT = 5V, IOUT = 2A)
OPERATING FREQUENCY (MHz)
2
1
0
-1
-2
02
1
345
LOAD REGULATION
(VIN = 3.3V, VOUT = 5V)
OUTPUT CURRENT (A)
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
2.0
2.5
3.0
3.5
4.0
LINE REGULATION
(VOUT = 5V, IOUT = 1A)
INPUT VOLTAGE (V)
1000
0.1
01.0
0.5
2.0
3.5
NO-LOAD INPUT CURRENT
vs. INPUT VOLTAGE
1
10
100
INPUT VOLTAGE (V)
1.5
2.5
3.0
VOUT = 3.3V
VOUT = 5V
INPUT VOLTAGE
INCREASING
INPUT VOLTAGE
DECREASING
2.8
0.6
0.001
0.1
1
0.01
10
STARTUP VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (A)
1.0
0.8
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
TA = -40
°C
TA = +25
°C
TA = +85
°C
VOUT = 3.3V
VOUT = 5V
-2.0
-1.0
-1.5
0
-0.5
0.5
1.0
-40
10
35
-15
60
85
SWITCHING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
VOUT = 3.3V
-5
0.1
1
10
NOISE vs. FREQUENCY
5
0
FREQUENCY (MHz)
15
10
20
25
30
-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com