Electronic Components Datasheet Search
  English  ▼

X  

MAX1706C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1706C/D
Description  1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1706C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1706C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 11Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1- to 3-Cell, High-Current, Low-Noise,
Step-Up DC-DC Converters with Linear Regulator
8
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 2, TA = +25°C, unless otherwise noted.)
200
µs/div
MAX1705
LINE-TRANSIENT RESPONSE
IOUT = 0mA, VOUT = 3.3V
A = VIN, 1.5V TO 2.0V, 200mV/div
B = VOUT, 10mV/div, 3.3V DC OFFSET
A
B
200
µs/div
MAX1705
POWER-ON DELAY
(PWM MODE)
VIN = 1.2V, LOAD = 1kΩ
A = ONA, 2V/div
B = VLDO, 2V/div
C = VOUT, 2V/div
D = INDUCTOR CURRENT, 500mA/div
A
C
D
3V
2.5V
3.3V
0mA
B
1
µs/div
MAX1705
PWM SWITCHING WAVEFORMS
VIN = 1.2V, VOUT = 4.5V, VLDO = 3.3V, ILDO = 200mA
A = INDUCTOR CURRENT, 500mA/div
B = LX VOLTAGE, 5V/div
C = VOUT RIPPLE, 50m/div AC COUPLED
D = VLDO RIPPLE, 5m/div AC COUPLED
C5 = 0.33
µF
A
B
D
C
0V
1A
VOUT
VLDO
2
µs/div
MAX1705
PFM SWITCHING WAVEFORMS
VIN = 1.2V, VOUT = 4.5V, VLDO = 3.3V, ILDO = 40mA
A = INDUCTOR CURRENT, 500mA/div
B = LX VOLTAGE, 5V/div
C = VOUT RIPPLE, 50mV/div AC COUPLED
D = VLDO RIPPLE, 5mV/div AC COUPLED
C5 = 0.33
µF
A
C
D
0mA
0V
VOUT
VLDO
B
1ms/div
MAX1705
LINEAR-REGULATOR
OUTPUT NOISE
VLDO IS AC COUPLED, 1mv/div
ILDO = 200mA
C5 = 0.33
µF
VLDO
DC TO 500kHz
200
µs/div
MAX1705
LOAD-TRANSIENT RESPONSE
VIN = 1.2V, VOUT = 3.3V
A = VOUT, 50mV/div, 3.3V DC OFFSET
B = IOUT, 0mA TO 200mA, 200mA/div
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com