Electronic Components Datasheet Search
  English  ▼

X  

MAX1706C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1706C/D
Description  1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1706C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1706C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1- to 3-Cell, High-Current, Low-Noise,
Step-Up DC-DC Converters with Linear Regulator
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VOUT = VPOUT = VLBP = 3.6V, CLK/SEL = FB = LBN = LBO = ONA = ONB = TRACK = GND, REF = open (bypassed with 0.22µF),
LX = open, TA = -40°C to +85°C, unless otherwise noted, Note 4.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
LBN, LBP Common-Mode
Input Range
0.5
1.5
V
CONDITIONS
LBN = 0.5V and 1.5V (at least one input must
be within this range)
LBO High Leakage
1
µA
LBO = OUT = 5V
Input Low Level
0.15VOUT
V
1.2V < VOUT < 5.5V, ONA, ONB (Note 2)
0.85VOUT
1.2V < VOUT < 5.5V, ONA, ONB (Note 2)
Internal Oscillator Frequency
260
340
kHz
CLK/SEL = OUT
External Oscillator
Synchronization Range
200
400
kHz
0.85VOUT
VOUT = 5.5V, CLK/SEL, TRACK
Note 1: Once the output is in regulation, the MAX1705/MAX1706 operate down to a 0.7V input voltage.
Note 2: The device is in start-up mode when VOUT is below this value (see Low-Voltage Start-Up Oscillator section).
Note 3: ONA and ONB inputs have a hysteresis of approximately 0.15VOUT.
Note 4: Specifications to -40°C to are guaranteed by design, not production tested.
Input High Level
VOUT = 2.5V, CLK/SEL, TRACK
0.15VOUT
V
LBN, LBP Offset
-5
5
mV
LBP falling
FBLDO Regulation Voltage
1.233
1.268
V
FBLDO = LDO, ILOAD = 1mA
Short-Circuit Current Limit
220
600
mA
FBLDO = LDO = GND
FBLDO Input Current
0.01
50
nA
VFBLDO = 1.5V
Dropout Resistance
1.2
Ω
VFBLDO = 1V, ILDO = 200mA
LINEAR REGULATOR
CONTROL INPUTS
LOW-BATTERY COMPARATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com