Electronic Components Datasheet Search
  English  ▼

X  

MAX1706C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1706C/D
Description  1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1706C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1706C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
_______________General Description
The MAX1705/MAX1706 are high-efficiency, low-noise,
step-up DC-DC converters with an auxiliary linear-
regulator output. These devices are intended for use in
battery-powered wireless applications. They use a syn-
chronous rectifier pulse-width-modulation (PWM) boost
topology to generate 2.5V to 5.5V outputs from battery
inputs, such as 1 to 3 NiCd/NiMH cells or 1 Li-Ion cell.
The MAX1705 has an internal 1A N-channel MOSFET
switch. The MAX1706 has a 0.5A switch. Both devices
also have a built-in low-dropout linear regulator that
delivers up to 200mA.
With an internal synchronous rectifier, the MAX1705/
MAX1706 deliver 5% better efficiency than similar non-
synchronous converters. They also feature a pulse-
frequency-modulation (PFM) standby mode to improve
efficiency at light loads, and a 1µA shutdown mode. An
efficiency-enhancing track mode reduces the step-up
DC-DC converter output to 300mV above the linear-reg-
ulator output.
Both devices come in a 16-pin QSOP package, which
occupies the same space as an 8-pin SO. Other features
include two shutdown-control inputs for push-on/push-off
control, and an uncommitted comparator for use as a volt-
age monitor.
________________________Applications
Digital Cordless Phones
PCS Phones
Personal Communicators
Wireless Handsets
Palmtop Computers
Two-Way Pagers
Hand-Held Instruments
____________________________Features
o Up to 96% Efficiency
o 1.1VIN Guaranteed Start-Up
o Up to 850mA Output (MAX1705)
o Step-Up Output (2.5V to 5.5V adjustable)
o Linear Regulator (1.25V to 5.0V adjustable)
o PWM/PFM Synchronous-Rectified Topology
o 300kHz PWM Mode or Synchronizable
o 1µA Shutdown Mode
o Voltage Monitor
o Pushbutton On/Off Control
1- to 3-Cell, High-Current, Low-Noise,
Step-Up DC-DC Converters with Linear Regulator
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
LBP
POUT
ONA
ONB
LX
PGND
CLK/SEL
LBO
LDO
TOP VIEW
MAX1705
MAX1706
QSOP
LBN
REF
OUT
TRACK
GND
FB
FBLDO
__________________Pin Configuration
LX
POUT
OUT
STEP-UP OUTPUT
FB
CLK/SEL
ONA
ONB
TRACK
INPUT 0.7V TO 5.5V
PGND
GND
LDO
FBLDO
LBP
LBO
LBN
REF
MAX1705
MAX1706
LINEAR
REGULATOR
OUTPUT
LOW-BATTERY
DETECTION
ON/OFF CONTROL
HIGH
EFFICIENCY
LOW
NOISE
__________Typical Operating Circuit
19-1198; Rev 0; 4/97
PART
MAX1705C/D
MAX1705EEE
MAX1706C/D
0°C to +70°C
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
Dice*
16 QSOP
Dice*
EVALUATION
KIT MANUAL
AVAILABLE
______________Ordering Information
*
Dice are tested at TA = +25°C, DC parameters only.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
MAX1706EEE
-40°C to +85°C
16 QSOP


Similar Part No. - MAX1706C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1706C/D MAXIM-MAX1706C/D Datasheet
277Kb / 18P
1- to 3-Cell, High-Current, Low-Noise
2000
More results

Similar Description - MAX1706C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
MAX1700 MAXIM-MAX1700 Datasheet
248Kb / 16P
1-Cell to 3-Cell, High-Power 1A, Low-Noise, Step-Up DC-DC Converters
Rev 1; 1/99
MAX1703 MAXIM-MAX1703 Datasheet
273Kb / 16P
1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter
Rev 2; 11/98
MAX1765 MAXIM-MAX1765 Datasheet
559Kb / 19P
800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
19-1805; Rev 0; 12/00
MAX848 MAXIM-MAX848 Datasheet
166Kb / 16P
1-Cell to 3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters
Rev 2; 12/97
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
logo
Silicon Standard Corp.
SS6639 SSC-SS6639 Datasheet
144Kb / 12P
1-Cell, 3-Pin, Step-Up DC/DC Controller
logo
Maxim Integrated Produc...
MAX1765 MAXIM-MAX1765_11 Datasheet
873Kb / 19P
800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
MAX1705EEE MAXIM-MAX1705EEE Datasheet
265Kb / 18P
1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
Rev 1; 8/00
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
Low-Noise Step-Up DC-DC Converters
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com