Electronic Components Datasheet Search
  English  ▼

X  

MFW02 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MFW02
Description  fully regulated output voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MFW02 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MFW02 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MFW02 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MFW02 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MFW02 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MFW02 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MFW02 SERIES
DC/DC CONVERTER 2W, Regulated Output, DIP Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 P6 Page 1 of 5
FEATURES
►Smallest Encapsulated 2W Converter
►Ultra-compact DIP-8 Package
►Wide 2:1 Input Voltage Range
►Fully Regulated Output Voltage
►I/O Isolation 1500 VDC
►Operating Temp. Range -40°C to +80°C
►No Min. Load Requirement
►Overload and Short Circuit Protection
►UL/cUL/IEC/EN 60950-1 Safety Approval (Pending)
PRODUCT OVERVIEW
The MINMAX MFW02 series is the latest generation of high performance dc-dc converter modules setting a new standard concerning power density. The
product offers a full 2W isolated dc-dc converter within an encapsulated DIP-8 package which occupies only 0.3 in2 of PCB space. There are 28 models
available for 5, 12, 24, 48VDC input with wide 2:1 input voltage range. Further features include over current, short circuit protection and no min. load
requirement as well. An high efficiency allows operating temperatures range of -40℃ to +80℃.
These DC/DC converters offer an economical solution for many cost critical applications in battery-powered equipment, instrumentation, distributed power
architectures in communication, industrial electronics, energy facilities and many other critical applications where PCB space is limited.
Model Selection Guide
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output Current
Input Current
Max. capacitive
Load
Efficiency
(typ.)
Max.
@Max. Load
@No Load
@Max. Load
VDC
VDC
mA
mA(typ.)
mA(typ.)
μF
%
MFW02-05S033
5
(4.5 ~ 10)
3.3
400
334
40
100
79
MFW02-05S05
5
400
494
81
MFW02-05S12
12
167
472
85
MFW02-05S15
15
134
462
87
MFW02-05D05
±5
±200
482
100#
83
MFW02-05D12
±12
±83
469
85
MFW02-05D15
±15
±67
473
85
MFW02-12S033
12
(9 ~ 18)
3.3
400
138
27
100
80
MFW02-12S05
5
400
201
83
MFW02-12S12
12
167
192
87
MFW02-12S15
15
134
193
87
MFW02-12D05
±5
±200
198
100#
84
MFW02-12D12
±12
±83
193
86
MFW02-12D15
±15
±67
195
86
MFW02-24S033
24
(18 ~ 36)
3.3
400
70
15
100
79
MFW02-24S05
5
400
99
84
MFW02-24S12
12
167
97
86
MFW02-24S15
15
134
96
87
MFW02-24D05
±5
±200
99
100#
84
MFW02-24D12
±12
±83
97
86
MFW02-24D15
±15
±67
97
86
MFW02-48S033
48
(36 ~ 75)
3.3
400
35
8
100
79
MFW02-48S05
5
400
50
83
MFW02-48S12
12
167
49
85
MFW02-48S15
15
134
49
86
MFW02-48D05
±5
±200
51
100#
82
MFW02-48D12
±12
±83
49
84
MFW02-48D15
±15
±67
50
84
# For each output


Similar Part No. - MFW02

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MFW03 MINMAX-MFW03 Datasheet
601Kb / 5P
fully regulated output voltage
More results

Similar Description - MFW02

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MFW03 MINMAX-MFW03 Datasheet
601Kb / 5P
fully regulated output voltage
MIDER03-HI MINMAX-MIDER03-HI Datasheet
591Kb / 4P
fully regulated output voltage
MIE03-HI MINMAX-MIE03-HI Datasheet
733Kb / 4P
fully regulated output voltage
MIE06-HI MINMAX-MIE06-HI Datasheet
728Kb / 4P
fully regulated output voltage
MIEI03-HI MINMAX-MIEI03-HI Datasheet
713Kb / 4P
fully regulated output voltage
MIW10 MINMAX-MIW10 Datasheet
533Kb / 5P
fully regulated output voltage
MJWI15 MINMAX-MJWI15 Datasheet
502Kb / 10P
fully regulated output voltage
MJWI25 MINMAX-MJWI25 Datasheet
404Kb / 10P
fully regulated output voltage
MKE15-HI MINMAX-MKE15-HI Datasheet
418Kb / 5P
fully regulated output voltage
MKE20-HI MINMAX-MKE20-HI Datasheet
409Kb / 5P
fully regulated output voltage
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com