Electronic Components Datasheet Search
  English  ▼

X  

MFW02 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MFW02
Description  fully regulated output voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MFW02 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MFW02 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MFW02 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MFW02 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MFW02 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MFW02 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MFW02 SERIES
DC/DC CONVERTER 2W, Regulated Output, DIP Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 P6 Page 2 of 5
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
Input Surge Voltage (1 sec. max.)
5V Input Models
-0.7
---
TBD
VDC
12V Input Models
-0.7
---
25
24V Input Models
-0.7
---
50
48V Input Models
-0.7
---
100
Start-Up Threshold Voltage
5V Input Models
---
---
4.5
12V Input Models
---
---
9
24V Input Models
---
---
18
48V Input Models
---
---
36
Short Circuit Input Power
All Models
---
---
0.5
W
Input Filter
Internal Capacitor Type
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
---
---
±1.5
%Vnom.
Output Voltage Balance
Dual Output, Balanced Loads
---
---
±2.0
%
Line Regulation
Vin=Min. to Max. @Full Load
---
---
±0.2
%
Load Regulation
Io=0% to 100%
---
---
±1.0
%
Cross Regulation (Dual)
Asymmetrical load 25% / 100% FL
---
---
±5.0
%
Minimum Load
No minimum Load Requirement
Ripple & Noise
0-20 MHz Bandwidth
---
70
---
mV P-P
Transient Recovery Time
25% Load Step Change
---
250
500
μsec
Transient Response Deviation
---
±3
±5
%
Temperature Coefficient
---
±0.01
±0.02
%/
℃
Over Load Protection
Foldback
---
180
---
%
Short Circuit Protection
Continuous, Automatic Recovery
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
60 Seconds
1500
---
---
VDC
1 Seconds
1800
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
100
---
pF
Switching Frequency
100
---
---
KHz
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
TBD
---
---
Hours
Safety Approvals (Pending)
UL/cUL 60950-1 recognition(UL certificate), IEC/EN 60950-1(CB-report)
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Ambient Temperature Range
Natural Convection
-40
+80
℃
(See Power Derating Curve)
Case Temperature
---
+95
℃
Storage Temperature Range
-50
+125
℃
Humidity (non condensing)
---
95
% rel. H
Cooling
Natural Convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com