Electronic Components Datasheet Search
  English  ▼

X  

MFW02 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MFW02
Description  fully regulated output voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MFW02 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MFW02 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MFW02 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MFW02 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MFW02 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MFW02 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MFW02 SERIES
DC/DC CONVERTER 2W, Regulated Output, DIP Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 P6 Page 3 of 5
EMC Specifications
Parameter
Standards & Level
Performance
EMI
Conduction
EN55022, FCC part 15
Class A, Class B
Radiation
EMS
EN55024
ESD
EN61000-4-2 Air ± 8kV , Contact ± 6kV
A
Radiated immunity
EN61000-4-3 10V/m
A
Fast transient (4)
EN61000-4-4 ±2kV
A
Surge (4)
EN61000-4-5 ±1kV
A
Conducted immunity
EN61000-4-6 10Vrms
A
External Filter meets Conducted EMI EN 55022, class A, class B; FCC part 15 ,level A, level B
TBD
Power Derating Curve
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
We recommend to protect the converter by a slow blow fuse in the input supply line.
3
4
Other input and output voltage may be available, please contact factory.
To meet EN61000-4-4 & EN61000-4-5 an external capacitor across the input pins is required.Suggested capacitor: 220μF/100V.
5
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
6
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com