Electronic Components Datasheet Search
  English  ▼

X  

MFW02 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # MFW02
Description  fully regulated output voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MFW02 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  MFW02 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MFW02 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MFW02 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MFW02 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MFW02 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MFW02 SERIES
DC/DC CONVERTER 2W, Regulated Output, DIP Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 P6 Page 4 of 5
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
-Vin
-Vin
4
+Vin
+Vin
5
+Vout
+Vout
6
No Pin
Common
7
-Vout
-Vout
►
All dimensions in mm (inches)
►
Tolerance: X.X±0.5 (X.XX±0.02)
X.XX±0.25 ( X.XXX±0.01)
►
Pin diameter 0.5 ±0.05 (0.02±0.002)
Physical Characteristics
Case Size
:
14.0x14.0x8.0mm (0.55x0.55x0.31 inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Pin Material
:
Tinned Copper
Weight
:
TBD
1
4
75
Bottom View
2x2.54
[2x0.10]
2.54
[0.10]
3.19
[0.13]
14.0 [0.55]
7.62 [0.30]
0.50
[0.02]
6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com