Electronic Components Datasheet Search
  English  ▼

X  

AUIPS7125 Datasheet(PDF) 3 Page - International Rectifier

Part # AUIPS7125
Description  CURRENT SENSE HIGH SIDE SWITCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7125 Datasheet(HTML) 3 Page - International Rectifier

  AUIPS7125 Datasheet HTML 1Page - International Rectifier AUIPS7125 Datasheet HTML 2Page - International Rectifier AUIPS7125 Datasheet HTML 3Page - International Rectifier AUIPS7125 Datasheet HTML 4Page - International Rectifier AUIPS7125 Datasheet HTML 5Page - International Rectifier AUIPS7125 Datasheet HTML 6Page - International Rectifier AUIPS7125 Datasheet HTML 7Page - International Rectifier AUIPS7125 Datasheet HTML 8Page - International Rectifier AUIPS7125 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AUIPS7125R
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. (Tj= -40°C..150°C,
Vcc=6..50V unless otherwise specified).
Symbol
Parameter
Min.
Max.
Units
Vout
Maximum output voltage
Vcc-60 Vcc+0.3
V
I rev
Maximum reverse pulsed current (t=100µs) see page 8
60
Isd cont.
Maximum diode continuous current Tambient=25°C, Rth=70°C/W
2.5
A
Vcc-Vin max. Maximum Vcc voltage
-32
60
V
Iifb, max.
Maximum feedback current
-50
10
mA
Vcc sc
Maximum Vcc voltage with short circuit protection see page 8
50
V
Maximum power dissipation (internally limited by thermal protection)
Pd
Rth=50°C/W DPack 6cm² footprint
2.5
W
Tj max.
Max. storage & operating junction temperature
-40
150
°C
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
Rth1
Thermal resistance junction to ambient DPak Std footprint
70
Rth2
Thermal resistance junction to ambient Dpak 6cm² footprint
50
Rth3
Thermal resistance junction to case Dpak
2
°C/W
Recommended Operating Conditions
These values are given for a quick design.
Symbol
Parameter
Min.
Max.
Units
Continuous output current, Tambient=85°C, Tj=125°C
Iout
Rth=50°C/W, Dpak 6cm² footprint
3.8
A
Rifb
Ifb resistor
1.5
k
www.irf.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com