Electronic Components Datasheet Search
  English  ▼

X  

AUIPS7125 Datasheet(PDF) 4 Page - International Rectifier

Part # AUIPS7125
Description  CURRENT SENSE HIGH SIDE SWITCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7125 Datasheet(HTML) 4 Page - International Rectifier

  AUIPS7125 Datasheet HTML 1Page - International Rectifier AUIPS7125 Datasheet HTML 2Page - International Rectifier AUIPS7125 Datasheet HTML 3Page - International Rectifier AUIPS7125 Datasheet HTML 4Page - International Rectifier AUIPS7125 Datasheet HTML 5Page - International Rectifier AUIPS7125 Datasheet HTML 6Page - International Rectifier AUIPS7125 Datasheet HTML 7Page - International Rectifier AUIPS7125 Datasheet HTML 8Page - International Rectifier AUIPS7125 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AUIPS7125R
Static Electrical Characteristics
Tj=-40°C..150°C, Vcc=6-50V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Vcc op.
Operating voltage range
6
60
V
ON state resistance Tj=25°C
24
30
Rds(on)
ON state resistance Tj=150°C(2)
45
55
m
Ids=2A
Icc off
Supply leakage current
2
4
Iout off
Output leakage current
2
4
µA
Vin=Vcc=28V,Vifb=Vgnd
Vout=Vgnd, Tj=25°C
Iin on
Input current when device on
1
3.5
6
mA
Vcc-Vin=28V, Tj=25°C
V clamp1
Vcc to Vout clamp voltage 1
60
64
Id=10mA
V clamp2
Vcc to Vout clamp voltage 2
60
65
72
Id=20A see fig. 2
Vih(1)
High level Input threshold voltage
3.5
5.9
Id=10mA
Vil(1)
Low level Input threshold voltage
1.5
3.2
V
Rds(on) rev
Reverse On state resistance Tj=25°C
25
40
m
Isd=2A
Forward body diode voltage Tj=25°C
0.75
0.85
Vf
Forward body diode voltage Tj=125°C
0.62
0.7
V
If=3A
Rin
Input resistor
180
250
350
(1) Input thresholds are measured directly between the input pin and the tab.
Switching Electrical Characteristics
Vcc=28V, Resistive load=6.8
, Tj=-40°C..150°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
tdon
Turn on delay time
5
15
30
tr
Rise time from 20% to 80% of Vcc
5
10
30
µs
tdoff
Turn off delay time
35
75
120
tf
Fall time from 80% to 20% of Vcc
6
15
30
µs
See fig. 1
Protection Characteristics
Tj=-40°C..150°C, Vcc=6-50V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tsd
Over temperature threshold(2)
150
165
°C
See fig. 3 and fig. 11
Isd
Over-current shutdown
50
60
85
A
See fig. 3 and page 7
I fault
Ifb after an over-current or an over-
temperature (latched)
2.2
3
5
mA
See fig. 3
Current Sensing Characteristics
Tj=-40°C..150°C, Vcc=6-50V (unless otherwise specified). Specified 500µs after the turn on. Vcc-Vifb>4V
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Ratio
I load / Ifb current ratio
7050
8500
9950
Iload<14A
Ratio_TC
I load / Ifb variation over temperature(2)
-5%
0
+5
%
Tj=-40°C to +150°C
I offset
Load current offset
-0.06
0
0.06
A
Iout<14A
Ifb leakage
Ifb leakage current
0
1
10
µA
Iout=0A
(2) Guaranteed by design
www.irf.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com