Electronic Components Datasheet Search
  English  ▼

X  

AUIPS7125 Datasheet(PDF) 1 Page - International Rectifier

Part # AUIPS7125
Description  CURRENT SENSE HIGH SIDE SWITCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7125 Datasheet(HTML) 1 Page - International Rectifier

  AUIPS7125 Datasheet HTML 1Page - International Rectifier AUIPS7125 Datasheet HTML 2Page - International Rectifier AUIPS7125 Datasheet HTML 3Page - International Rectifier AUIPS7125 Datasheet HTML 4Page - International Rectifier AUIPS7125 Datasheet HTML 5Page - International Rectifier AUIPS7125 Datasheet HTML 6Page - International Rectifier AUIPS7125 Datasheet HTML 7Page - International Rectifier AUIPS7125 Datasheet HTML 8Page - International Rectifier AUIPS7125 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
June, 6th 2011
Automotive grade
AUIPS7125R
CURRENT SENSE HIGH SIDE SWITCH
Features
Suitable for 24V systems
www.irf.com
1
Over current shutdown
Over temperature shutdown
Current sensing
Active clamp
Reverse circulation immunization
Optimized Turn On/Off for EMI
Reverse battery protection (Mosfet on)
Applications
75W Filament lamp
Solenoid
24V loads for trucks
Description
The AUIPS7125R is a fully protected five terminal high
side switch specifically designed for driving lamp. It
features current sensing, over-current, over-temperature,
ESD protection and drain to source active clamp. When
the input voltage Vcc - Vin is higher than the specified
threshold, the output power Mosfet is turned on. When the
Vcc - Vin is lower than the specified Vil threshold, the
output Mosfet is turned off. The Ifb pin is used for current
sensing. The over-current shutdown is higher than inrush
current of the lamp.
Product Summary
Rds(on)
30mmax.
Vclamp
65V
Current shutdown
50A min.
Packages
DPak
Typical Connection
Out
AUIPS7125R
IN
Rifb
Vcc
Load
Battery
Input
Power
Ground
Ifb
Logic
Ground
Current feeback
10k
On
Off


Similar Part No. - AUIPS7125

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS7125R IRF-AUIPS7125R Datasheet
297Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7125R INFINEON-AUIPS7125R Datasheet
297Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
June, 6th 2011 revision A5
logo
International Rectifier
AUIPS7125RTR IRF-AUIPS7125RTR Datasheet
297Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7125RTR INFINEON-AUIPS7125RTR Datasheet
297Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
June, 6th 2011 revision A5
logo
International Rectifier
AUIPS7125RTRL IRF-AUIPS7125RTRL Datasheet
297Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
More results

Similar Description - AUIPS7125

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS7121R IRF-AUIPS7121R Datasheet
355Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7141R IRF-AUIPS7141R Datasheet
345Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7125R IRF-AUIPS7125R Datasheet
297Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS6121R IRF-AUIPS6121R_15 Datasheet
749Kb / 15P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7111S IRF-AUIPS7111S_15 Datasheet
196Kb / 15P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7145R IRF-AUIPS7145R_15 Datasheet
628Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS71451G IRF-AUIPS71451G_15 Datasheet
604Kb / 15P
CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7141R INFINEON-AUIPS7141R Datasheet
345Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
AUIPS71451G INFINEON-AUIPS71451G Datasheet
604Kb / 15P
CURRENT SENSE HIGH SIDE SWITCH
November, 14th 2011
AUIPS7145R INFINEON-AUIPS7145R Datasheet
628Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
10/02/2012 Revision C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com