Electronic Components Datasheet Search
  English  ▼

X  

AUIPS7125 Datasheet(PDF) 11 Page - International Rectifier

Part # AUIPS7125
Description  CURRENT SENSE HIGH SIDE SWITCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7125 Datasheet(HTML) 11 Page - International Rectifier

Back Button AUIPS7125 Datasheet HTML 7Page - International Rectifier AUIPS7125 Datasheet HTML 8Page - International Rectifier AUIPS7125 Datasheet HTML 9Page - International Rectifier AUIPS7125 Datasheet HTML 10Page - International Rectifier AUIPS7125 Datasheet HTML 11Page - International Rectifier AUIPS7125 Datasheet HTML 12Page - International Rectifier AUIPS7125 Datasheet HTML 13Page - International Rectifier AUIPS7125 Datasheet HTML 14Page - International Rectifier AUIPS7125 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AUIPS7125R
www.irf.com
11
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
102030
40
5
25°C
150°C
-40°C
1
10
100
1.E+01
1.E+02
1.E+03
1.E+04
0
Inductance (µH)
Iout, output current (A)
Figure 9 – Max. Iout (A) Vs inductance (µH)
Figure 10 – Ifb (mA) Vs Iout (A)
0.0001
0.001
0.01
0.1
1
10
100
0
1020
3040
50
'-40°C
'+25°C
'+125°C
Iout, output current (A)
Figure 11 – Tsd (s) Vs I out (A)
SMD with 6cm²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com