Electronic Components Datasheet Search
  English  ▼

X  

MAX1830EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1830EEE
Description  3A, 1MHz, Low-Voltage, Step-Down Regulators with Synchronous Rectification and Internal Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1830EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1830EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
3A, 1MHz, Low-Voltage, Step-Down Regulators with
Synchronous Rectification and Internal Switches
________________________________________________________________ Maxim Integrated Products
1
19-2198; Rev 0; 10/01
General Description
The MAX1830/MAX1831 constant-off-time, pulse-width-
modulated (PWM) step-down DC-DC converters are
ideal for use in 5V and 3.3V to low-voltage conversion
necessary in notebook and subnotebook computers.
These devices feature internal synchronous rectification
for high efficiency and reduced component count. They
require no external Schottky diode. The internal 45m
Ω
PMOS power switch and 55m
Ω NMOS synchronous-rec-
tifier switch easily deliver continuous load currents up to
3A. The MAX1830 produces preset +2.5V, +1.8V, or
+1.5V output voltage or an adjustable output from +1.1V
to VIN. The MAX1831 produces preset +3.3V, +2.5V, and
+1.5V output voltages and an adjustable output from
+1.1V to VIN. They achieve efficiencies as high as 94%.
The MAX1830/MAX1831 use a unique current-mode,
constant-off-time, PWM control scheme, which includes
Idle Mode™ to maintain high efficiency during light-
load operation. The programmable constant-off-time
architecture sets switching frequencies up to 1MHz,
allowing the user to optimize performance trade-
offs between efficiency, output switching noise, compo-
nent size, and cost. Both devices are designed for con-
tinuous output currents up to 3A, an internal digital
soft-start to limit surge currents during startup, a 100%
duty cycle mode for low-dropout operation, and a
low-power shutdown mode that disconnects the input
from the output and reduces supply current below
1µA.The MAX1830/MAX1831 are available in 16-pin
QSOP packages.
For similar devices that provide continuous output
currents of 1A to 3A, refer to the MAX1644, MAX1623,
and MAX1742/MAX1842/MAX1843 data sheets.
Applications
5V or 3.3V to Low-Voltage Conversion
CPU I/O Supplies
Chipset Supplies
Notebook and Subnotebook Computers
Features
o ±1.5% Output Accuracy
o 94% Efficiency
o Internal PMOS/NMOS Switches
45m
Ω/55mΩ On-Resistance at VIN = +4.5V
50m
Ω/55mΩ On-Resistance at VIN = +3V
o Output Voltages
+3.3V, +2.5V, or +1.5V Pin Selectable (MAX1831)
+2.5V, +1.8V, or +1.5V Pin Selectable (MAX1830)
+1.1V to VIN Adjustable (Both Devices)
o +3V to +5.5V Input Voltage Range
o 750µA (max) Operating Supply Current
o <1µA Shutdown Supply Current
o Programmable Constant-Off-Time Operation
o Up to 1MHz Switching Frequency
o Idle Mode Operation at Light Loads
o Thermal Shutdown
o Internal Digital Soft-Start Inrush Current Limiting
o 100% Duty Cycle During Low-Dropout Operation
o Output Short-Circuit Protection
o 16-Pin QSOP Package
Idle Mode is a trademark of Maxim Integrated Products, Inc.
Typical Configuration
TOFF
COMP
VCC
FBSEL
SHDN
IN
PGND
GND
REF
LX
FB
MAX1830
MAX1831
OUTPUT
+1.1V TO
VIN
INPUT
+3V TO
+5.5V
EVALUATION
KIT
AVAILABLE
Pin Configuration appears at end of data sheet.
PART
MAX1830EEE
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
16 QSOP
Ordering Information
MAX1831EEE
-40°C to +85°C
16 QSOP
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX1830EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX183 MAXIM-MAX183 Datasheet
493Kb / 12P
High-Speed 12-Bit A/D Converters With External Refernce input
19-3127; Rev 0; 4/91
MAX183-MAX185 MAXIM-MAX183-MAX185 Datasheet
493Kb / 12P
High-Speed 12-Bit A/D Converters With External Refernce input
19-3127; Rev 0; 4/91
MAX1832 MAXIM-MAX1832 Datasheet
511Kb / 12P
High-Efficiency Step-Up Converters with Reverse Battery Protection
19-1802; Rev 1; 10/03
MAX1832 MAXIM-MAX1832 Datasheet
1Mb / 14P
High-Efficiency Step-Up Converters with Reverse Battery Protection
2018
MAX1832EUT+T MAXIM-MAX1832EUT+T Datasheet
1Mb / 14P
High-Efficiency Step-Up Converters with Reverse Battery Protection
2018
More results

Similar Description - MAX1830EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1623 MAXIM-MAX1623 Datasheet
164Kb / 12P
3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
19-1436; Rev 1; 9/99
MAX1742 MAXIM-MAX1742 Datasheet
597Kb / 16P
1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
MAX1843 MAXIM-MAX1843 Datasheet
366Kb / 13P
2.7A, 1MHz, Low-Voltage, Step-Down Regulator with Internal Synchronous Rectification in QFN Package
19-1986; Rev 1; 3/02
logo
Richtek Technology Corp...
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
logo
Maxim Integrated Produc...
MAX1644EAE-T MAXIM-MAX1644EAE-T Datasheet
170Kb / 11P
2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Rev 3; 8/05
logo
Monolithic Power System...
MP2249 MPS-MP2249 Datasheet
404Kb / 12P
1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
logo
Global Mixed-mode Techn...
G5719C GMT-G5719C Datasheet
81Kb / 1P
1MHz, 3A Synchronous Step-Down Regulator
logo
Maxim Integrated Produc...
MAX1742 MAXIM-MAX1742_05 Datasheet
287Kb / 16P
1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
MAX1623 MAXIM-MAX1623_V01 Datasheet
242Kb / 12P
3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1644 MAXIM-MAX1644_V01 Datasheet
170Kb / 11P
2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com