Electronic Components Datasheet Search
  English  ▼

X  

MAX1830EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1830EEE
Description  3A, 1MHz, Low-Voltage, Step-Down Regulators with Synchronous Rectification and Internal Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1830EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1830EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
3A, 1MHz, Low-Voltage, Step-Down Regulators with
Synchronous Rectification and Internal Switches
_______________________________________________________________________________________
5
0.10
-0.25
0.001
0.01
0.1
1
10
NORMALIZED OUTPUT ERROR
vs. OUTPUT CURRENT
OUTPUT CURRENT (A)
-0.10
-0.05
0
-0.15
-0.20
0.05
VIN = 3.3V
VOUT = 1.5V
L = 1.5
µH
VIN = 5.0V
VOUT = 1.5V
L = 1.5
µH
0
400
200
800
600
1000
1200
0
1.0
1.5
0.5
2.0
2.5
3.0
SWITCHING FREQUENCY
vs. OUTPUT CURRENT
OUTPUT CURRENT (A)
VIN = 3.3V,
VOUT = 1.5V, L = 1.5
µH
VIN = 5.0V,
VOUT = 1.5V, L = 1.5
µH
400
µs/div
STARTUP AND SHUTDOWN
VSHDN
5V/div
IIN
1A/div
VOUT
1V/div
MAX1830 toc06
VIN = 3.3V, VOUT = 1.5V,
ROUT = 0.5
Ω, RTOFF = 82kΩ, L = 1.5µH
LOAD-TRANSIENT RESPONSE
VOUT
50mV/div
AC-COUPLE
IOUT
2A/div
MAX1830 toc07
VIN = 3.3V, VOUT = 1.5V,
RTOFF = 82k
Ω, L = 1.5µH, IOUT = 0.1A TO 3A
10
µs/div
0
20
µs/div
LINE-TRANSIENT RESPONSE
VIN
2V/div
VOUT
50mV/div
AC-COUPLED
MAX1830 toc08
VOUT = 1.8V, IOUT = 1A,
RTOFF = 75k
Ω, L = 1.5µH
Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com