Electronic Components Datasheet Search
  English  ▼

X  

MAX1830EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1830EEE
Description  3A, 1MHz, Low-Voltage, Step-Down Regulators with Synchronous Rectification and Internal Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1830EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1830EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
3A, 1MHz, Low-Voltage, Step-Down Regulators with
Synchronous Rectification and Internal Switches
6
_______________________________________________________________________________________
_______________Detailed Description
The MAX1830/MAX1831 synchronous, current-mode,
constant-off-time, PWM DC-DC converters step down
input voltages of +3V to +5.5V to preset output voltages,
or to an adjustable output voltage from +1.1V to VIN. The
MAX1830 has preset outputs +2.5V, +1.8V, and +1.5V.
The MAX1831 has preset outputs of +3.3V, +2.5V or
+1.5V. Both devices deliver up to 3A of continuous output
current. Internal switches composed of a 45m
Ω PMOS
power switch and a 55m
Ω NMOS synchronous rectifier
switch improve efficiency, reduce component count, and
eliminate the need for an external Schottky diode.
The MAX1830/MAX1831 optimize efficiency by operat-
ing in constant-off-time mode under heavy loads and in
Maxim’s proprietary Idle Mode under light loads. A sin-
gle resistor-programmable constant-off-time control
sets switching frequencies up to 1MHz, allowing the
user to optimize performance trade-offs in efficiency,
switching noise, component size, and cost. Under low-
dropout conditions, the device operates in a 100%
duty-cycle mode, where the PMOS switch remains con-
tinuously on. Idle Mode enhances light-load efficiency
by skipping cycles, thus reducing transition and gate-
charge losses.
When power is drawn from a regulated supply, constant-
off-time PWM architecture essentially provides constant-
frequency operation. This architecture has the inherent
advantage of quick response to line and load transients.
The MAX1830/MAX1831 current-mode, constant-off-
time PWM architecture regulates the output voltage by
changing the PMOS switch on-time relative to the con-
stant off-time. Increasing the on-time increases the
peak inductor current and the amount of energy trans-
ferred to the load per pulse.
Modes of Operation
The current through the PMOS switch determines the
mode of operation: constant-off-time mode (for load
currents greater than half the Idle Mode threshold), or
Idle Mode (for load currents less than half the Idle
Mode threshold). Current sense is achieved through a
proprietary architecture that eliminates current-sensing
I2R losses.
Constant-Off-Time Mode
Constant-off-time operation occurs when the current
through the PMOS switch is greater than the Idle Mode
threshold current (which corresponds to a load current
of half the Idle Mode threshold). In this mode, the regu-
Pin Description
PIN
NAME
FUNCTION
1, 3, 14, 16
LX
Connection for the drains of the PMOS power switch and NMOS synchronous-rectifier switch.
Connect the inductor from this node to the output filter capacitor and load.
2, 4
IN
Supply Voltage Input for the internal PMOS power switch
5
SHDN
Shutdown Control Input. Drive SHDN low to disable the reference, control circuitry, and internal
MOSFETs. Drive high or connect to VCC for normal operation.
6
COMP
Integrator Compensation. Connect a capacitor from COMP to VCC for integrator compensation. See
Integrator Amplifier section.
7
TOFF
Off-Time Select Input. Sets the PMOS power switch off-time during constant-off-time operation.
Connect a resistor from TOFF to GND to adjust the PMOS switch off-time.
8FB
Feedback Input for both preset-output and adjustable-output operating modes. Connect directly to
output for fixed-voltage operation or to a resistive divider for adjustable operating modes.
9
GND
Analog Ground
10
REF
Reference Output. Bypass REF to GND with a 1µF capacitor.
11
FBSEL
Feedback Select Input. Selects output voltage. See Table 3 for programming instructions.
12
VCC
Analog Supply Voltage Input. Supplies internal analog circuitry. Bypass VCC with a 10
Ω and 2.2µF
lowpass filter (Figure 1).
13, 15
PGND
Power Ground. Internally connected to the internal NMOS synchronous-rectifier switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com