Electronic Components Datasheet Search
  English  ▼

X  

MAX1830EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1830EEE
Description  3A, 1MHz, Low-Voltage, Step-Down Regulators with Synchronous Rectification and Internal Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1830EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1830EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1830EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
3A, 1MHz, Low-Voltage, Step-Down Regulators with
Synchronous Rectification and Internal Switches
_______________________________________________________________________________________
7
lation comparator turns the PMOS switch on at the end
of each off-time, keeping the device in continuous-con-
duction mode. The PMOS switch remains on until the
output is in regulation or the current limit is reached.
When the PMOS switch turns off, it remains off for the
programmed off-time (tOFF). To control the current
under short-circuit conditions, the PMOS switch
remains off for approximately 4 x tOFF when VOUT <
VOUT(NOM) / 4.
Idle Mode
Under light loads, the devices improve efficiency by
switching to a pulse-skipping Idle Mode. Idle Mode
operation occurs when the current through the PMOS
switch is less than the Idle Mode threshold current. Idle
Mode forces the PMOS to remain on until the current
through the switch reaches the Idle Mode threshold,
thus minimizing the unnecessary switching that
degrades efficiency under light loads. In Idle Mode, the
VCC
470pF
2.2
µF
1
µF
10
Ω
FBSEL
FEEDBACK
SELECTION
CURRENT
SENSE
PWM LOGIC
AND
DRIVERS
IN
FB
VIN
3.0V TO 5.5V
VOUT
LX
CIN
CERAMIC
PGND
TOFF
RTOFF
GND
NOTE: HEAVY LINES DENOTE HIGH-CURRENT PATHS.
REF
REF
SUMMING
COMPARATOR
REF
REF
COMP
SKIP
SHDN
TIMER
VIN
CURRENT
SENSE
DIGITAL
SOFT-START
MAX1830
MAX1831
Gm
COUT
Figure 2. Functional Diagram
TOFF
COMP
VCC
FBSEL
SHDN
IN
PGND
GND
REF
MAX1830
LX
FB
MAX1830
MAX1831
RTOFF
1
µF
L
1.5
µF
2.2
µF
470pF
10
Ω
INPUT
OUTPUT
VOUT = 2.5V, FBSEL = VCC
VOUT = 1.8V, FBSEL = REF
VOUT = 1.5V, FBSEL = FLOATING
MAX1831
VOUT = 2.5V, FBSEL = VCC
VOUT = 3.3V, FBSEL = REF
VOUT = 1.5V, FBSEL = FLOATING
SUMIDA
CDRH-6D28
COUT
120
µF, 4V
Panasonic SP
CIN
22
µF,
6.3V X5R
Figure 1. Typical Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com