Electronic Components Datasheet Search
  English  ▼

X  

LD1074 Datasheet(PDF) 2 Page - LDT Co., Ltd

Part # LD1074
Description  16-Channel Constant Current LED Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1074 Datasheet(HTML) 2 Page - LDT Co., Ltd

  LD1074 Datasheet HTML 1Page - LDT Co., Ltd LD1074 Datasheet HTML 2Page - LDT Co., Ltd LD1074 Datasheet HTML 3Page - LDT Co., Ltd LD1074 Datasheet HTML 4Page - LDT Co., Ltd LD1074 Datasheet HTML 5Page - LDT Co., Ltd LD1074 Datasheet HTML 6Page - LDT Co., Ltd LD1074 Datasheet HTML 7Page - LDT Co., Ltd LD1074 Datasheet HTML 8Page - LDT Co., Ltd LD1074 Datasheet HTML 9Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Ver 1.1
2
LD1074
16-Channel Constant Current LED Driver With 16-Bit PWM Control and Dot-Correction
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
Features
16 constant-current output channels
Constant output current range per channel: 2~60mA ( 2~60mA @ 5V, 2~45mA @ 3.3V )
Excellent output current accuracy,
- Between channels: <±1.0% (typ.);
- Between ICs: <±1.5% (typ.)
Visual effect control
- Increased refresh rate
- selectable gray scale (16bit or 12bit)
- Individual pixel-correction (256 steps : 8-bit control)
- Brightness control (7-bit linear programmable output current gain)
Error detection control
- Individual LED Open/Short-circuit detection
- External Resistor Detection (R-EXT pin Open Detection)
- Thermal protection ( Alarm & Shut-Down)
EMI reduction
- Delay between output channels.
- Fast / Slow output switching Speed
Maximum gray scale clock frequency: 33MHz
Application
Full-color LED display
VMS (Variable Message Sign)
Description
LD1074 is a 16-channel constant current LED driver with selectable 16-/12-bit gray scale control and 8-bit pixel
correction. LD1074 provides constant current ranging from 2mA to 60mA for each output channel. The output
current can be set by an external resistor. LD1074 adopts open/short error detection, thermal detection, and external
resistor connection and adjusts current gain control for brightness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com