Electronic Components Datasheet Search
  English  ▼

X  

LD1074 Datasheet(PDF) 17 Page - LDT Co., Ltd

Part # LD1074
Description  16-Channel Constant Current LED Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1074 Datasheet(HTML) 17 Page - LDT Co., Ltd

Back Button LD1074 Datasheet HTML 13Page - LDT Co., Ltd LD1074 Datasheet HTML 14Page - LDT Co., Ltd LD1074 Datasheet HTML 15Page - LDT Co., Ltd LD1074 Datasheet HTML 16Page - LDT Co., Ltd LD1074 Datasheet HTML 17Page - LDT Co., Ltd LD1074 Datasheet HTML 18Page - LDT Co., Ltd LD1074 Datasheet HTML 19Page - LDT Co., Ltd LD1074 Datasheet HTML 20Page - LDT Co., Ltd LD1074 Datasheet HTML 21Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Ver 1.1
17
LD1074
16-Channel Constant Current LED Driver With 16-Bit PWM Control and Dot-Correction
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
Shift Register
The effective length of the shift register in LD1074 is auto-adjusted among 256 / 192 / 128 / 16 bits according to
different modes of input data.
Write Configuration Register
LD1074 can write the configuration register when receiving one LE pulse containing 5 DCLKs, and then send 16-bit
configuration setting to each LED driver. The following waveform shows the input signal waveform when cascading
N pieces of LD1074 :
LD1074 can read the configuration register when receiving one LE pulse containing 5 DCLKs in order to set the
shift register length to 16 bits, and then send one LE pulse containing 6 DCLKs to read the configuration setting.
After the command, 16-bit configuration of each LD1074 will be shifted out sequentially from the Nth LD1074 to
the 1st LD1074. The following waveform shows the output signal waveform when cascading N pieces of LD1074 :
Read Configuration Register
Input the Dot Correction Data
LD1074 can input the dot correction data when receiving one LE pulse containing one DCLK, and then send
128-bit dot correction data to each LED driver. The following waveform shows the input signal waveform when
cascading N pieces of LD1074 :
LE
DCLK
SDI
LE+5DCLKs
Data of 1st LD1074
Cascade N x LD1074
LE
DCLK
SDO
16-bit configuration register data x N
Cascade N x LD1074
LE+5DCLKs
LE+6DCLKs
DCLK
LE
SDI
Cascade N x LD1074
12-bit dot correction data x N
LE+1DCLKs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com