Electronic Components Datasheet Search
  English  ▼

X  

LD1074 Datasheet(PDF) 12 Page - LDT Co., Ltd

Part # LD1074
Description  16-Channel Constant Current LED Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1074 Datasheet(HTML) 12 Page - LDT Co., Ltd

Back Button LD1074 Datasheet HTML 8Page - LDT Co., Ltd LD1074 Datasheet HTML 9Page - LDT Co., Ltd LD1074 Datasheet HTML 10Page - LDT Co., Ltd LD1074 Datasheet HTML 11Page - LDT Co., Ltd LD1074 Datasheet HTML 12Page - LDT Co., Ltd LD1074 Datasheet HTML 13Page - LDT Co., Ltd LD1074 Datasheet HTML 14Page - LDT Co., Ltd LD1074 Datasheet HTML 15Page - LDT Co., Ltd LD1074 Datasheet HTML 16Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Ver 1.1
12
LD1074
16-Channel Constant Current LED Driver With 16-Bit PWM Control and Dot-Correction
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
Timing Waveform
(2)
tPD1
tDL1
tDL2
tDL3
GCLK
OUT4n
OUT4n+1
OUT4n+2
OUT4n+3
(1)
DCLK
LE
SDI
SDO
tW(DCLK)
tSU1 tH1
tSU2
tw(LE)
tSU0 tH0
tPD0
tPD2
tW(GCLK)
1/FGCLK
90%
10%
10%
90%
tOF
tOR
GCLK
Output
Ports
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com