Electronic Components Datasheet Search
  English  ▼

X  

LD1074 Datasheet(PDF) 7 Page - LDT Co., Ltd

Part # LD1074
Description  16-Channel Constant Current LED Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1074 Datasheet(HTML) 7 Page - LDT Co., Ltd

Back Button LD1074 Datasheet HTML 3Page - LDT Co., Ltd LD1074 Datasheet HTML 4Page - LDT Co., Ltd LD1074 Datasheet HTML 5Page - LDT Co., Ltd LD1074 Datasheet HTML 6Page - LDT Co., Ltd LD1074 Datasheet HTML 7Page - LDT Co., Ltd LD1074 Datasheet HTML 8Page - LDT Co., Ltd LD1074 Datasheet HTML 9Page - LDT Co., Ltd LD1074 Datasheet HTML 10Page - LDT Co., Ltd LD1074 Datasheet HTML 11Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Ver 1.1
7
LD1074
16-Channel Constant Current LED Driver With 16-Bit PWM Control and Dot-Correction
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
Electrical Characteristics (VDD=3.3V, Ta=25°C)
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Unit.
Supply Voltage
VDD
-
3.0
3.3
3.6
V
Sustaining Voltage at OUT
Ports
VDS
OUT0 ~ OUT15
-
-
5.5
V
Output Current
IOUT
Refer to “Test Circuit for
Electrical Characteristics”
2
-
45
mA
IOH
SDO
-
-
-1.0
mA
IOL
SDO
-
-
1.0
mA
Output Leakage Current
IOUT
VDS=5.5V
-
-
0.5
μA
Current Skew (Channel)
dIOUT
IOUT=25.8mA
VDS=1.0V
Rext=560
Ω
-
±1.0
±2.0
%
IOUT=45mA
VDS=1.0V
Rext=310
Ω
-
±1.0
±2.0
%
Current Skew (IC)
dIOUT2
IOUT=25.8mA
VDS=1.0V
Rext=560
Ω
-
±1.5
±3.0
%
IOUT=45mA
VDS=1.0V
Rext=310
Ω
-
±1.5
±3.0
%
Output Current vs.
Output Voltage Regulation*
%/dVDS
VDS within 1.0V and 3.0V,
Rext=560
Ω@25.8mA
-
±0.3
±1.0
%/V
Output Current vs.
Supply Voltage Regulation*
%/dVDD
VDD within 4.5V and 5.5V
-
±0.5
±1.5
%/V
Input Voltage
“H” level
VIH
Ta=-40~85ºC
0.7ⅹVDD
-
VDD
V
“L” level
VIL
Ta=-40~85ºC
GND
-
0.3ⅹVDD
V
Output Voltage SDO
VOL
IOL=+1.0mA
-
-
0.4
V
VOH
IOH=-1.0mA
2.9
-
-
V
LED Open Error Detection
Threshold
VDS,TH
-
-
0.30
0.35
V
Pull-down Resistor of LE
RIN(down) -
250
450
800
K
Ω
Supply Current
(DCLK=GCLK
=0Hz)
“Off”
IDD(off) 1
Rext=Open, OUT0 ~ OUT15 =Off
-
1.9
4.5
mA
IDD(off) 2
Rext=560
Ω, OUT0 ~ OUT15 =Off
-
6.1
9.5
IDD(off) 3
Rext=310
Ω, OUT0 ~ OUT15 =Off
-
8.3
11.5
“On”
IDD(on) 1
Rext=560
Ω, OUT0 ~ OUT15 =On
-
6.1
11
IDD(on) 2
Rext=310
Ω, OUT0 ~ OUT15 =On
-
9.4
13
Supply Current
(DCLK=GCLK
=30MHz,
SDI=15MHz
switching)
“On”
IDD(on) 1
Rext=560
Ω, OUT0 ~ OUT15 =On
-
16.2
-
IDD(on) 2
Rext=310
Ω, OUT0 ~ OUT15 =On
-
16.7
-
Thermal Flag
Temperature 1
TTF1
Junction Temperature
-
140
-
˚C
Thermal Flag
Temperature 2
TTF2
Junction Temperature
-
160
-
˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com