Electronic Components Datasheet Search
  English  ▼

X  

MAX1968EUI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1968EUI
Description  Power Drivers for Peltier TEC Modules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1968EUI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1968EUI Datasheet HTML 6Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 7Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 8Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 9Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 10Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 11Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 12Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 13Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Power Drivers for Peltier TEC Modules
10
______________________________________________________________________________________
Functional Diagram
MAX VTEC =
VMAXV ✕ 4
GND
COMP
CTLI
ITEC
MAXIP
FREQ
PWM CONTROL
AND
GATE CONTROL
MAXIN
VDD
PVDD1
PVDD2
RSENSE
PGND1
PGND2
MAXV
REF
MAX1968
SHDN
MAX ITEC =
(VMAXIP / VREF) ✕
(0.15V / RSENSE)
MAX ITEC =
-(VMAXIN / VREF) ✕
(0.15V / RSENSE)
REF
OS1
OS2
CS
LX1
LX2
ON
OFF
3V TO
5.5V
VDD
OS1
REF
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com