Electronic Components Datasheet Search
  English  ▼

X  

MAX1968EUI Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX1968EUI
Description  Power Drivers for Peltier TEC Modules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1968EUI Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX1968EUI Datasheet HTML 8Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 9Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 10Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 11Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 12Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 13Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 14Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 15Page - Maxim Integrated Products MAX1968EUI Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Power Drivers for Peltier TEC Modules
______________________________________________________________________________________
15
Applications Information
The MAX1968/MAX1969 typically drive a thermoelectric
cooler inside a thermal control loop. TEC drive polarity
and power are regulated based on temperature informa-
tion read from a thermistor, or other temperature-mea-
suring device to maintain a stable control temperature.
Temperature stability of 0.01
°C can be achieved with
carefully selected external components.
There are numerous ways to implement the thermal
loop. Figures 1 and 2 show a design that employs preci-
sion op amps, along with a DAC or potentiometer to set
the control temperature. The loop may also be imple-
mented digitally, using a precision A/D to read the ther-
mistor or other temperature sensor, a microcontroller to
implement the control algorithm, and a DAC (or filtered
PWM signal) to send the appropriate signal to the
MAX1968/MAX1969 CTLI input. Regardless of the form
taken by the thermal control circuitry, all designs are
similar in that they read temperature, compare it to a
set-point signal, and then send an error-correcting sig-
nal to the MAX1968/MAX1969 that moves the tempera-
ture in the appropriate direction.
Chip Information
TRANSISTOR COUNT: 2959
PROCESS: BiCMOS
Pin Configuration
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
MAXV
MAXIP
MAXIN
COMP
PGND1
LX1
OS1
PGND1
LX1
PVDD1
LX1
PVDD1
SHDN
CS
OS2
ITEC
FREQ
PVDD2
LX2
PVDD2
LX2
PGND2
LX2
PGND2
REF
CTLI
GND
VDD
TSSOP-EP
TOP VIEW
MAX1968
MAX1969
NOTE: GND IS CONNECTED TO THE UNDERSIDE METAL SLUG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com